Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 10 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD4134 Datasheet HTML 6Page - Analog Devices AD4134 Datasheet HTML 7Page - Analog Devices AD4134 Datasheet HTML 8Page - Analog Devices AD4134 Datasheet HTML 9Page - Analog Devices AD4134 Datasheet HTML 10Page - Analog Devices AD4134 Datasheet HTML 11Page - Analog Devices AD4134 Datasheet HTML 12Page - Analog Devices AD4134 Datasheet HTML 13Page - Analog Devices AD4134 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
Data Sheet
AD4134
SPECIFICATIONS
analog.com
Rev. 0 | 10 of 92
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
4 For slave mode, the maximum ODR supported for the sinc3 filter is 1460 kSPS.
5 Excluding the first five harmonics.
6 Following a full system calibration, the offset error and the gain error are in the order of the noise for the programmed output data rate selected. The gain error is a function
of the output data rate in slave mode. Therefore, a gain error calibration is needed when the output data rate is changed. It is recommended to perform a periodic system
calibration to stop aging related drifts.
7 Between any two channels on the same device.
8 Between any two channels on any two devices. SPI slave mode with DCLK as gated input only with the DIG_IF_RESET SPI write issued simultaneously to both devices.
TIMING SPECIFICATIONS
AVDD5 = DVDD5 = 4.5 V to 5.5 V, AVDD1V8 = DVDD1V8 = 1.65 V to 1.95 V, CLKVDD = 1.65 V to 1.95 V, IOVDD = 1.65 V to 1.95 V, CLKIN =
48 MHz, AGND5 = DGND5 = AGND1V8 = DGND1V8 = IOGND = CLKGND = 0 V, TA = −40°C to 105°C, unless otherwise noted. Typical values
are at TA = 25°C, unless otherwise noted.
Table 2. Device Clock Timing
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
fSYSCLK
System clock frequency
48
MHz
MCLK
Master clock
High performance mode
fSYSCLK/2
Hz
Low power mode
fSYSCLK/4
Hz
fDIGCLK
Internal digital clock (tDIGCLK) = 1/fDIGCLK
fSYSCLK/2
Hz
fDCLK
Data Interface clock (tDCLK) = 1/fDCLK
DCLK as output, SPI control mode
fSYSCLK
MHz
DCLK as output, pin control mode
fSYSCLK
MHz
DCLK as input
50
MHz
fSCLK
SPI clock rate (tSCLK) = 1/fSCLK
50
MHz
The signal on DOUTx is driven out on the rising edge of the DCLK. tODR_PERIOD is 1/ODR. See Figure 2.
Table 3. Data Interface Timing with Gated DCLK
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
t1
ODR high time
Master mode, tDCLK > tDIGCLK
2.5 × tDCLK
3.5 × tDCLK
ns
Master mode, tDCLK ≤ tDIGCLK
3 × tDIGCLK
3 × tDIGCLK + 4
ns
Slave mode
3 × tDIGCLK
ns
t2
ODR low time
Slave mode
3 × tDIGCLK
ns
t3
ODR falling edge to DCLK rising edge
Master mode
tDCLK − 2
ns
Slave mode
8
ns
t4
Last data DCLK falling edge to ODR rising edge
Slave mode
2 × tDCLK
ns
t5
DCLK rising to DOUTx invalid
Master mode
−4
ns
Slave mode
0
ns
t6
DCLK rising to DOUTx valid
Master mode
0
3
ns
Slave mode
8.2
ns
t7
DCLK low time
tDCLK/2 − 1
ns
t8
DCLK high time
tDCLK/2 − 1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com