Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 27 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD4134 Datasheet HTML 23Page - Analog Devices AD4134 Datasheet HTML 24Page - Analog Devices AD4134 Datasheet HTML 25Page - Analog Devices AD4134 Datasheet HTML 26Page - Analog Devices AD4134 Datasheet HTML 27Page - Analog Devices AD4134 Datasheet HTML 28Page - Analog Devices AD4134 Datasheet HTML 29Page - Analog Devices AD4134 Datasheet HTML 30Page - Analog Devices AD4134 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
Data Sheet
AD4134
TERMINOLOGY
analog.com
Rev. 0 | 27 of 92
AC Common-Mode Rejection Ratio (CMRR)
AC CMRR is defined as the ratio of the power in the ADC output at
frequency, f, to the power of a 100 mV p-p sine wave applied as the
common-mode voltage to the AINx+ pin and AINx− pin at sampling
frequency (fS).
AC CMRR (dB) = 10 log(Pf/PfS)
where:
Pf is the power at frequency, f, in the ADC output.
PfS is the power at frequency, fS, in the ADC output.
Integral Nonlinearity (INL) Error
INL error refers to the deviation of each individual code from a
line drawn from negative full scale through positive full scale. The
point used as negative full scale occurs ½ LSB before the first code
transition. Positive full scale is defined as a level 1½ LSB beyond
the last code transition. The deviation is measured from the middle
of each code to the true straight line.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and fb,
any active device with nonlinearities creates distortion products at
the sum and difference frequencies of mfa and nfb, where m, n =
0, 1, 2, 3, and so on. Intermodulation distortion terms are those for
which neither m nor n is equal to 0. For example, the second-order
terms include (fa + fb) and (fa − fb), and the third-order terms
include (2fa + fb), (2fa − fb), (fa + 2fb), and (fa − 2fb).
The AD4134 is tested using the International Telephonic Consulta-
tive Committee (CCIF) standard, where two input frequencies near
to each other are used. In this case, the second-order terms are
usually distanced in frequency from the original sine waves, and
the third-order terms are usually at a frequency close to the input
frequencies. As a result, the second-order and third-order terms
are specified separately. The calculation of the intermodulation
distortion is as per the THD specification, where it is the ratio of the
rms sum of the individual distortion products to the rms amplitude of
the sum of the fundamentals expressed in decibels.
Gain Error
The first transition (from 100 … 000 to 100 …001) occurs at a level
½ LSB above nominal negative full scale (−4.095999755859375 V
for the ±4.096 V range). The last transition (from 011 … 110 to
011 … 111) occurs for an analog voltage 1½ LSB below the nominal
full scale (+4.095999755859375 V for the ±4.096 V range). The
gain error is the deviation of the difference between the actual level
of the last transition and the actual level of the first transition from
the difference between the ideal levels.
Gain Drift
Gain drift is the ratio of the gain error change due to a temperature
change of 1°C and the full-scale range (2N). Gain drift is expressed
in parts per million.
Least Significant Bit (LSB)
The least significant bit, or LSB, is the smallest increment that can
be represented by a converter. For a fully differential input ADC with
N bits of resolution, the LSB expressed in volts is
LSB=2×VREFCAP2N
where:
VREFCAP is the voltage measured on the REFCAP pin.
N = 24 for the AD4134.
DC Power Supply Rejection Ratio (DC PSRR)
Variations in power supply affect the full-scale transition but not the
linearity of the converter. DC PSRR is the maximum change in the
full-scale transition point due to a change in power supply voltage
from the nominal value.
AC Power Supply Rejection (AC PSR)
AC PSR is the amplitude of the tone observed when a 100 mV p-p
signal is injected on the supply.
For example, if a 100 mV p-p signal injected on the supply at a
frequency of 1 kHz and a −108 dB tone is observed at 1 kHz in the
FFT output, −108 dB is the ac power supply rejection.
Alias Rejection
Alias rejection is defined as the ratio of the power in the ADC
output at frequency, fIN, to the power of a −6 dBFS input signal at
frequency, MCLK ± fIN.
Alias rejection = 10 log(PfIN/PMCLK ± fIN)
where:
PfIN is the power at frequency, fIN, in the ADC output.
PMCLK ± fIN is the power at frequency, MCLK ± fIN, in the ADC
output.
Group Delay
Group delay is defined as the difference of phase delays measured
at the ADC output and full-scale sine wave ADC input.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the ODR/2
frequency, excluding harmonics and dc. The value for SNR is
expressed in decibels.
Signal-to-Noise-and-Distortion (SINAD) Ratio
SINAD is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the ODR/2
frequency, including harmonics but excluding dc. The value for
SINAD is expressed in decibels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com