Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 8 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD4134 Datasheet HTML 4Page - Analog Devices AD4134 Datasheet HTML 5Page - Analog Devices AD4134 Datasheet HTML 6Page - Analog Devices AD4134 Datasheet HTML 7Page - Analog Devices AD4134 Datasheet HTML 8Page - Analog Devices AD4134 Datasheet HTML 9Page - Analog Devices AD4134 Datasheet HTML 10Page - Analog Devices AD4134 Datasheet HTML 11Page - Analog Devices AD4134 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
Data Sheet
AD4134
SPECIFICATIONS
analog.com
Rev. 0 | 8 of 92
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VINL
0.3 × IOVDD
V
Input Capacitance
Pin configured as input
10
pF
DCLK PIN
Output Frequency
2.93
48000
kHz
Output Rise Time/Fall Time (20% to
80%)
45 pF load
2.8
ns
Output Duty Cycle
50:50
%
Output Voltage High
ISOURCE = 100 µA
IOVDD − 0.2
V
Output Voltage Low
ISINK = 100 µA
0.2
V
fIN
50,000
kHz
VINH
0.7 × IOVDD
V
VINL
0.3 × IOVDD
V
Input Capacitance
Pin configured as input
10
pF
LOGIC INPUTS
VINH
0.7 × IOVDD
V
VINL
0.2 × IOVDD
V
Leakage Currents
−10
+10
µA
LOGIC OUTPUTS
Output High Voltage (VOH)
ISOURCE = 100 µA
IOVDD − 0.2
V
Output Low Voltage (VOL)
ISINK = 100 µA
0.2
V
INTEGRATED LOW DROPOUT (LDO)
REGULATOR
Output Voltage
1.85
V
Input Voltage
2.6
5.5
V
POWER SUPPLY VOLTAGE
AVDD5 to AGND5
4.5
5
5.5
V
DVDD5 to DGND5
4.5
5
5.5
V
AVDD5 to AGND5
VREF = 5 V
4.7
5
5.5
V
DVDD5 to DGND5
VREF = 5 V
4.7
5
5.5
V
DVDD1V8 to DGND
1.65
1.8
1.95
V
AVDD1V8 to AGND1V8
1.65
1.8
1.95
V
AVDD1V8 to AGND1V8
VREF = 5 V
1.8
1.85
1.95
V
DVDD1V8 to DGND
VREF = 5 V
1.8
1.85
1.95
V
IOVDD to IOGND
1.65
1.8
1.95
V
CLKVDD to CLKGND
1.65
1.8
1.95
V
CLKVDD to CLKGND
VREF = 5 V
1.8
1.85
1.95
V
POWER SUPPLY CURRENT
4 channels active, internal LDO regulator bypassed,
XCLKOUT disabled
High Performance Mode
ODR = 374 kSPS
AVDD5
8.2
11
mA
DVDD5
38.6
44.8
mA
AVDD1V8
56
81
mA
DVDD1V8
Sinc3 filter, ODR = 1496 kSPS
60
69.7
mA
Sinc6 filter, ODR = 1496 kSPS
60.9
70.9
mA
Wideband 0.433 × ODR filter
90
105.5
mA
IOVDD
2.25
3.17
mA
CLKVDD
2.8
3.53
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com