Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 45 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 45 Page - Analog Devices

Back Button AD4134 Datasheet HTML 41Page - Analog Devices AD4134 Datasheet HTML 42Page - Analog Devices AD4134 Datasheet HTML 43Page - Analog Devices AD4134 Datasheet HTML 44Page - Analog Devices AD4134 Datasheet HTML 45Page - Analog Devices AD4134 Datasheet HTML 46Page - Analog Devices AD4134 Datasheet HTML 47Page - Analog Devices AD4134 Datasheet HTML 48Page - Analog Devices AD4134 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
Data Sheet
AD4134
QUICK START GUIDE
analog.com
Rev. 0 | 45 of 92
STANDALONE MODE
The user has a digital host without an SPI and needs a −3 dB input
bandwidth of 102.4 kHz. The user also desires a flat pass-band
response with robust data interface. The recommended scheme is
pin controlled master mode. The 102.4 kHz input bandwidth with
flat pass band can be achieved by using a 0.433 × ODR FIR filter.
The minimum ODR needed can be calculated as input bandwidth
= 0.433 × ODR. Therefore, the minimum ODR needed is 237
kSPS. From Table 28, the closest ODR value of 256 kSPS can be
programmed.
The robust interface calls for using the cyclic redundancy check
(CRC). Therefore, the frame size is 24 data bits + 8-bit header that
includes a 6-bit CRC and a 2-bit status.
The DCLK value required is >(Frame Size + 6) × ODR, giving the
user a value of 9.7 MHz. From Table 30, the closest DCLK option is
12 MHz.
The settings to be configured are pin control mode control, ASRC
master, high performance mode, gated DCLK output, 32-bit frame,
256 kSPS ODR, 12 MHz DCLK, 0.433 × ODR filter, external LDO
regulator, and 4-channel output.
Refer to the Device Configuration section for programming these
settings.
Table 21. Configuration 1 Hardware Settings
Pin Function
Supply/Level
Comments
AVDD5, DVDD5
5 V
Supply
IOVDD, LDOIN, AVDD1V8,
DVDD1V8, CLKVDD
1.8 V
Supply
PIN/SPI
Low
Pin control
CLKSEL
High
Crystal input
MODE
High
ASRC master
DCLKMODE
Low
Gated DCLK
DCLKIO
High
DCLK output
FILTER1, FILTER0
Low, low
0.433 × ODR filter
FORMAT1, FORMAT0
High, low
4-channel output
FRAME1, FRAME0
High, high
32-bit output
PWRMODE
High
High performance
DCLKRATE2, DCLKRATE1,
DCLKRATE0
Low, low, high
12 MHz DCLK
DEC3, DEC2, DEC1, DEC0
Low, low, high, high
256 kSPS ODR
LOW LATENCY SYNCHRONOUS DATA
ACQUISITION
The user has an input signal bandwidth of 250 kHz and needs a
24-bit output with minimum latency. There are eight channels and
the user needs tight synchronization between the channels.
The recommended scheme is to use two devices in SPI controlled
slave mode. The external ODR signal can synchronize both devices
with a digital interface reset issued simultaneously. See the Multide-
vice Synchronization section for more details.
The 250 kHz input bandwidth with minimum latency can be ach-
ieved by the sinc3 filter. The minimum ODR needed can be calcu-
lated as input bandwidth = 0.2617 × ODR. Therefore, the ODR
required is 956 kSPS.
The external DCLK value required is >(Frame Size + 6) × ODR,
giving the user a value of 29 MHz. Provide the DCLK and ODR
values as per the timing specifications listed in Table 3.
The settings to be configured are SPI control mode control, ASRC
slave, high performance mode, gated DCLK input, 24-bit data
output, 956 kSPS ODR, 29 MHz DCLK, sinc3 filter, external LDO
regulator, and 4-channel output.
Refer to the Device Configuration section for programming these
settings. After power-on, verify the hardware configuration by read-
ing the DEVICE_STATUS register.
Table 22. Configuration 2 Hardware Settings
Pin Function
Supply/Level
Comments
AVDD5, DVDD5
5 V
Supply
IOVDD, CLKVDD, AVDD1V8, LDOIN,
DVDD1V8
1.8 V
Supply
PIN/SPI
High
SPI control
mode
CLKSEL
High
Crystal input
MODE
Low
ASRC slave
DCLKMODE
Low
Gated DCLK
DCLKIO
Low
DCLK input
Program the registers in Table 23 with the values listed and leave
the all the other registers at their default values.
Table 23. Software Settings
SPI Register
Value
Comments
DATA_PACKET_CONFIG
0x20
24-bit frame
DEVICE_CONFIG
0x01
High performance mode
CHAN_DIG_FILTER_SEL
0xAA
Sinc3 filter
DIGITAL_INTERFACE_CONFIG
0x03
4-channel parallel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com