Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 81 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 81 Page - Analog Devices

Back Button AD4134 Datasheet HTML 77Page - Analog Devices AD4134 Datasheet HTML 78Page - Analog Devices AD4134 Datasheet HTML 79Page - Analog Devices AD4134 Datasheet HTML 80Page - Analog Devices AD4134 Datasheet HTML 81Page - Analog Devices AD4134 Datasheet HTML 82Page - Analog Devices AD4134 Datasheet HTML 83Page - Analog Devices AD4134 Datasheet HTML 84Page - Analog Devices AD4134 Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
Data Sheet
AD4134
REGISTER DETAILS
analog.com
Rev. 0 | 81 of 92
Table 55. Bit Descriptions for DIGITAL_INTERFACE_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
10 Data from Channel 2 and Channel 3 are averaged and output on DOUT2. DOUT3 is
disabled. Channel 0 and Channel 1 are under normal operation.
11 Data from Channel 0 and Channel 1 are averaged and output on DOUT0. Data from
Channel 2 and Channel 3 are averaged and output on DOUT1. DOUT2 and DOUT3 act
as daisy-chain inputs.
[1:0]
Format
DOUTx Output Format Configuration.
0x0
R/W
0 Single-channel daisy-chain mode. DOUT0 acts as an output and DOUT2 acts as a
daisy-chain input. DOUT1 and DOUT3 are disabled. Data from all four ADC channels
are output on DOUT0.
1 Dual-channel daisy-chain mode. DOUT0 and DOUT1 act as output and DOUT2 and
DOUT3 act as daisy-chain input. Data from Channel 0 and Channel 1 are output on
DOUT0. Data from Channel 2 and Channel 3 are output on DOUT1.
10 Quad channel parallel output mode. Each ADC channel has a dedicated data output
pin.
11 Channel data averaging mode, averaging operation is defined by AVG_SEL.
Address: 0x13, Reset: 0x00, Name: POWER_DOWN_CONTROL
Table 56. Bit Descriptions for POWER_DOWN_CONTROL
Bits
Bit Name
Settings
Description
Reset
Access
7
Reserved
Reserved.
0x0
R
6
PWRDN_CH3
Powers Down Analog Input Channel 3.
0x0
R/W
0 Power up.
1 Power down.
5
PWRDN_CH2
Powers Down Analog Input Channel 2.
0x0
R/W
0 Power up.
1 Power down.
4
PWRDN_CH1
Powers Down Analog Input Channel 1.
0x0
R/W
0 Power up.
1 Power down.
3
PWRDN_CH0
Powers Down Analog Input Channel 0.
0x0
R/W
0 Power up.
1 Power down.
2
Reserved
Reserved.
0x0
R
1
PWRDN_LDO
Powers Down the Internal Analog and Clock LDO Regulators.
0x0
R/W
0 Internal LDO regulators powered.
1 Internal LDO regulators powered down.
0
SLEEP_MODE_EN
All Blocks Except Digital LDO Regulator are Turned Off. On-chip register contents remain the
same.
0x0
R/W
0 Sleep mode disabled.
1 Sleep mode enabled.
Address: 0x14, Reset: 0x00, Name: RESERVED
Table 57. Bit Descriptions for RESERVED
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
Reserved
Reserved. Always zero.
0x0
R/W
Address: 0x15, Reset: 0x00, Name: DEVICE_STATUS
Table 58. Bit Descriptions for DEVICE_STATUS
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
Reserved
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com