Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 53 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 53 Page - Analog Devices

Back Button AD4134 Datasheet HTML 49Page - Analog Devices AD4134 Datasheet HTML 50Page - Analog Devices AD4134 Datasheet HTML 51Page - Analog Devices AD4134 Datasheet HTML 52Page - Analog Devices AD4134 Datasheet HTML 53Page - Analog Devices AD4134 Datasheet HTML 54Page - Analog Devices AD4134 Datasheet HTML 55Page - Analog Devices AD4134 Datasheet HTML 56Page - Analog Devices AD4134 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
Data Sheet
AD4134
DEVICE CONFIGURATION
analog.com
Rev. 0 | 53 of 92
PROGRAMMING DATA INTERFACE
The digital interface consists of setting up the format, the frame,
and the averaging options.
Output Channel Format
The data interface format is determined by setting the FOR-
MAT0/CS pin and FORMAT1/SCLK pin. The logic state of the
FORMAT0/CS pin and FORMAT1/SCLK pin is read on power-up
and determine how many data lines (DOUTx) the ADC conversions
are output on.
Because the FORMAT0/CS pin and FORMAT1/SCLK pin are read
on power-up of the AD4134 and the device remains in this output
configuration, this function must always be hardwired and cannot
be altered dynamically. Figure 90 and Figure 91 show the format-
ting configuration for the digital output pins on the AD4134.
Calculate the minimum required DCLK rate for a given data inter-
face configuration as follows:
DCLK (Minimum) = Output Data Rate × Channels per DOUTx ×
(Frame Size + 6)
For example, if data size = 24 and 6-bit CRC is enabled with one
DOUTx line, single-channel daisy-chaining,
DCLK (Minimum) = 374 kSPS × 4 Channels per DOUTx × (24 + 8 +
6) = 44.88 Mbps
The AD4134 can output the data from four ADC channels in parallel
using four output pins, or serialize the data and output them using
fewer pins. Paralleling the output enables a higher output data
rate for a given DCLK frequency. In addition to using fewer I/Os,
serializing the data allows data from multiple AD4134 devices to be
daisy-chained.
The output channel format is controlled by the FORMAT0/ pin and
FORMAT1/SCLK pin in pin control mode and the format bits in the
DIGITAL_INTERFACE_CONFIG register in SPI control mode.
Table 32 lists all the output channel format options.
Figure 90. FORMAT1, FORMAT0 = 10, Four Data Output Pins
Figure 91. FORMAT1, FORMAT0 = 00, One Data Output Pin
Table 32. Output Channel Format Configuration
FORMAT1/SCLK Pin or Bit 1,
DIGITAL_INTERFACE_CONFIG
Register
FORMAT0/ Pin or Bit 0,
DIGITAL_INTERFACE_CONFI
G Register
Output Channel Format
0
0
Single-channel daisy-chain mode. DOUT0 acts as an output and DOUT2 acts as a daisy-chain input.
DOUT1 and DOUT3 are disabled. Data from all four ADC channels are serialized and output on DOUT0
(SPI default mode).
0
1
Dual-channel daisy-chain mode. DOUT0 and DOUT1 act as outputs, and DOUT2 and DOUT3 act as
daisy-chain inputs. Data from Channel 0 and Channel 1 are serialized and output on DOUT0. Data from
Channel 2 and Channel 3 are serialized and output on DOUT1.
1
0
Quad-channel parallel output mode. Each ADC channel has a dedicated data output pin.
1
1
Channel data averaging mode. In pin control mode, data from all four channels are averaged and output
on DOUT0. DOUT2 acts as daisy-chain input. DOUT1 and DOUT3 are disabled. In SPI control mode, the
averaging operation is defined by the AVG_SEL bits in Register 0x12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com