Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 7 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD4134 Datasheet HTML 3Page - Analog Devices AD4134 Datasheet HTML 4Page - Analog Devices AD4134 Datasheet HTML 5Page - Analog Devices AD4134 Datasheet HTML 6Page - Analog Devices AD4134 Datasheet HTML 7Page - Analog Devices AD4134 Datasheet HTML 8Page - Analog Devices AD4134 Datasheet HTML 9Page - Analog Devices AD4134 Datasheet HTML 10Page - Analog Devices AD4134 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
Data Sheet
AD4134
SPECIFICATIONS
analog.com
Rev. 0 | 7 of 92
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Power Supply Rejection AC
100 mV p-p, DC to 24 MHz signal on supply with no
decoupling capacitor, value with respect to full-scale
input
AVDD5
101
dB
DVDD5
105
dB
AVDD1V8
97.5
dB
DVDD1V8
113
dB
IOVDD
136
dB
CLKVDD
95.9
dB
Common-Mode Rejection Ratio
(CMRR)
100 mV p-p on VCM with no decoupling capacitor
DC
78.4
dB
AC
Up to 10 kHz
74.5
dB
Crosstalk
−0.5 dBFS, 1 kHz input on adjacent channels
130.7
dBFS
Input Signal Alias Rejection (AAREJ)
High Performance Mode
−6 dBFS output of band tone from master clock
(MCLK) − 160 kHz to MCLK + 160 kHz, AA1 mode
85.4
dB
−6 dBFS output of band tone from MCLK − 160 kHz to
MCLK + 160 kHz, Antialiasing 2 (AA2) mode
102.5
dB
Low Power Mode
−6 dBFS output of band tone from MCLK − 80 kHz to
MCLK + 80 kHz, AA1 mode
87.4
dB
−6 dBFS output of band tone from MCLK − 80 kHz to
MCLK + 80 kHz, AA2 mode
97.2
dB
EXTERNAL CLOCK INPUT
Frequency
47.9
48
48.1
MHz
Duty Cycle
40
50:50
60
%
Input Voltage High
0.65 × CLKVDD
V
Input Voltage Low
0.35 × CLKVDD
V
Input Capacitance
10
pF
CRYSTAL OSCILLATOR
Frequency
±100 ppm
48
MHz
Start-Up Time
4.4
ms
CLKSEL INPUT LOGIC
Input High Voltage (VINH)
0.7 × IOVDD
V
Input Low Voltage (VINL)
0.3 × IOVDD
V
Leakage Currents
−1
+1
µA
XCLKOUT PIN
Output Frequency
48
MHz
Rise Time/Fall Time (20% to 80%)
45 pF load
0.85
ps
Duty Cycle
External clock input duty cycle = 50:50
53.8
%
Output Voltage High
Source current (ISOURCE) = 100 µA
CLKVDD − 0.2
V
Output Voltage Low
Sink current (ISINK) = 100 µA
0.2
V
ODR PIN
Output Frequency
0.01
1496
kHz
Output Rise Time/Fall Time (20% to
80%)
45 pF load
2.8
ns
Output Voltage High
ISOURCE = 100 µA
IOVDD − 0.2
V
Output Voltage Low
ISINK = 100 µA
0.2
V
Input Frequency (fIN)
0.01
1496
kHz
VINH
0.7 × IOVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com