Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 14 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD4134 Datasheet HTML 10Page - Analog Devices AD4134 Datasheet HTML 11Page - Analog Devices AD4134 Datasheet HTML 12Page - Analog Devices AD4134 Datasheet HTML 13Page - Analog Devices AD4134 Datasheet HTML 14Page - Analog Devices AD4134 Datasheet HTML 15Page - Analog Devices AD4134 Datasheet HTML 16Page - Analog Devices AD4134 Datasheet HTML 17Page - Analog Devices AD4134 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
Data Sheet
AD4134
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 14 of 92
Figure 5. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
FORMAT0/CS
DI
ADC Output Data Format Selection Input 0 in Pin Control Mode (FORMAT0). Tie this pin to IOVDD or to IOGND
to set the number of DOUTx pins used to output ADC conversion data. See the Output Channel Format section for
more details.
Chip Select Input in SPI Control Mode (CS).
2
FORMAT1/SCLK
DI
ADC Output Data Format Selection Input 1 in Pin Control Mode (FORMAT1). Tie this pin to IOVDD or to IOGND
to set the number of DOUTx pins used to output ADC conversion data. See the Output Channel Format section for
more details.
Serial Clock Input in SPI Control Mode (SCLK).
3
DEC3/SDO
DI/O
Decimation Ratio Selection Input 3 in Pin Control Master Mode or Phase-Locked Loop (PLL) Lock Status Output
in Pin Control Slave Mode (DEC3). Tie this pin to IOVDD or to IOGND to set the output data rate. See the
Programming Output Data Rate and Clock section for more details. In pin control slave mode, this pin is output high
to indicate the internal PLL is in lock.
Serial Data Output in SPI Control Mode (SDO).
4
DEC2/SDI
DI
Master Mode Decimation Ratio Selection Input 2 in Pin Control Master Mode (DEC2). Tie this pin to IOVDD or to
IOGND to set the output data rate. See the Programming Output Data Rate and Clock section for more details.
Serial Data Input in SPI Control Mode (SDI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com