Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 84 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 84 Page - Analog Devices

Back Button AD4134 Datasheet HTML 80Page - Analog Devices AD4134 Datasheet HTML 81Page - Analog Devices AD4134 Datasheet HTML 82Page - Analog Devices AD4134 Datasheet HTML 83Page - Analog Devices AD4134 Datasheet HTML 84Page - Analog Devices AD4134 Datasheet HTML 85Page - Analog Devices AD4134 Datasheet HTML 86Page - Analog Devices AD4134 Datasheet HTML 87Page - Analog Devices AD4134 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
Data Sheet
AD4134
REGISTER DETAILS
analog.com
Rev. 0 | 84 of 92
Table 67. Bit Descriptions for CHAN_DIG_FILTER_SEL
Bits
Bit Name
Settings
Description
Reset
Access
10 Sinc3 filter.
11 Sinc3 filter with simultaneous 50 Hz and 60 Hz rejection.
[1:0]
DIGFILTER_SEL_CH0
Channel 0 Digital Filter Type Selection.
0x0
R/W
0 Wideband filter.
01 Sinc6 filter.
10 Sinc3 filter.
11 Sinc3 filter with simultaneous 50 Hz and 60 Hz rejection.
Address: 0x1F, Reset: 0x00, Name: FIR_BW_SEL
Table 68. Bit Descriptions for FIR_BW_SEL
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
Reserved
Reserved.
0x0
R
3
WB_FILTER_SEL_CH3
Channel 3 Wideband Filter Bandwidth Selection.
0x0
R/W
0 Wideband filter has a bandwidth of 0.433 × ODR.
1 Wideband filter has a bandwidth of 0.10825 × ODR.
2
WB_FILTER_SEL_CH2
Channel 2 Wideband Filter Bandwidth Selection.
0x0
R/W
0 Wideband filter has a bandwidth of 0.433 × ODR.
1 Wideband filter has a bandwidth of 0.10825 × ODR.
1
WB_FILTER_SEL_CH1
Channel 1 Wideband Filter Bandwidth Selection.
0x0
R/W
0 Wideband filter has a bandwidth of 0.433 × ODR.
1 Wideband filter has a bandwidth of 0.10825 × ODR.
0
WB_FILTER_SEL_CH0
Channel 0 Wideband Filter Bandwidth Selection.
0x0
R/W
0 Wideband filter has a bandwidth of 0.433 × ODR.
1 Wideband filter has a bandwidth of 0.10825 × ODR.
Address: 0x20, Reset: 0x00, Name: GPIO_DIR_CTRL
Table 69. Bit Descriptions for GPIO_DIR_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
GPIO_IO_CONTROL
GPIO I/O Direction Control. Each bit controls the direction of a GPIO pin. A value of 0 sets the
GPIO pin as an input. A value of 1 sets the GPIO pin as an output. Bit 0 is associated with
GPIO0.
0x0
R/W
Address: 0x21, Reset: 0x00, Name: GPIO_DATA
Table 70. Bit Descriptions for GPIO_DATA
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
GPIO_DATA
GPIO Data Value. If a GPIO pin is configured as an input, the corresponding bit is read only and its
value reflects the input logic status of the pin. If a GPIO pin is configured as an output, write to the
corresponding bit to control the output logic of the pin. Bit 0 is associated with GPIO0. 1 = logic high and 0
= logic low.
0x0
R/W
Address: 0x22, Reset: 0x00, Name: ERROR_PIN_SRC_CON-TROL
Table 71. Bit Descriptions for ERROR_PIN_SRC_CONTROL
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
Reserved
Reserved.
0x0
R
5
ERR_PIN_EN_OR_AIN
Enables Error Reporting on GPIO7 for Input Overrange Errors.
0x0
R/W
0 Disables pin toggle for overvoltage error.
1 Enables pin toggle for overvoltage error.
4
ERR_PIN_EN_INTERNAL
Enables Error Reporting on GPIO7 for Any Internal Errors. Internal error can be digital
overflow or underflow error, memory map CRC error, ASRC error, fuse CRC error, or
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com