Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 42 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD4134 Datasheet HTML 38Page - Analog Devices AD4134 Datasheet HTML 39Page - Analog Devices AD4134 Datasheet HTML 40Page - Analog Devices AD4134 Datasheet HTML 41Page - Analog Devices AD4134 Datasheet HTML 42Page - Analog Devices AD4134 Datasheet HTML 43Page - Analog Devices AD4134 Datasheet HTML 44Page - Analog Devices AD4134 Datasheet HTML 45Page - Analog Devices AD4134 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
Data Sheet
AD4134
CIRCUIT INFORMATION
analog.com
Rev. 0 | 42 of 92
Figure 79. Sinc3 Filter Step Response
Simultaneous 50 Hz and 60 Hz Rejection
Because the sinc filter rejects signals at the frequency around
integer multiples of the ODR, it can be used to reject undesired
interference at a specific frequency higher than the input band
of interest. Because the sinc3 filter supports an ODR down to
10 SPS, a typical application for the sinc3 filter is to make dc to low
bandwidth measurements while rejecting line frequencies at 50 Hz
or 60 Hz.
Figure 80 shows the frequency response of the sinc3 filter when the
output data rate is programmed to 50 SPS. The sinc3 filter provides
102 dB rejection at 50 Hz ± 1 Hz.
Figure 80. Sinc3 and Sinc6 Filter Response (ODR = 50 SPS)
Figure 81 shows the frequency response of the sinc3 filter when the
output data rate is programmed to 60 SPS. The sinc3 filter provides
106 dB rejection at 60 Hz ± 1 Hz.
Figure 81. Sinc3 and Sinc6 Filter Response (ODR = 60 SPS)
When the output data rate is 10 SPS, simultaneous 50 Hz and
60 Hz rejection is obtained. The sinc3 filter provides 102 dB rejec-
tion at 50 Hz ± 1 Hz and 105 dB at 60 Hz ± 1 Hz.
Figure 82. Sinc3 and Sinc6 Filter Response (ODR = 10 SPS)
Simultaneous 50 Hz and 60 Hz rejection can also be achieved by
selecting the sinc3 and 50 Hz/60 Hz rejection filter path. When
the sinc3 filter places a notch at 50 Hz, the 50 Hz/60 Hz rejection
postfilter places a first-order notch at 60 Hz. The output data rate is
50 SPS. Figure 83 shows the frequency response of the sinc3 and
50 Hz/60 Hz rejection filter path. The rejection at 50 Hz and 60 Hz
(±1 Hz) is in excess of 67 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com