Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 60 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD4134 Datasheet HTML 56Page - Analog Devices AD4134 Datasheet HTML 57Page - Analog Devices AD4134 Datasheet HTML 58Page - Analog Devices AD4134 Datasheet HTML 59Page - Analog Devices AD4134 Datasheet HTML 60Page - Analog Devices AD4134 Datasheet HTML 61Page - Analog Devices AD4134 Datasheet HTML 62Page - Analog Devices AD4134 Datasheet HTML 63Page - Analog Devices AD4134 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
Data Sheet
AD4134
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 60 of 92
78.6 nV/√Hz × √NBW < 3.14 µV rms
where NBW is the noise bandwidth.
The calculation shows that the noise bandwidth must be less than
1.6 kHz. The equivalent noise bandwidth of a first-order filter is
0.25/RC, in Hz.
The AD4134 has an internal 20 Ω resister between the REFIN pin
and the REFCAP pin. By connecting the output of the ADR444
to the REFIN input, a capacitor > 7.9 µF on the REFCAP pin is
sufficient to limit the reference noise to the desired value. It is
recommended to place a 10 µF capacitor on the REFCAP pin.
MULTIDEVICE SYNCHRONIZATION
The integrated ASRC of the AD4134 helps achieve multidevice syn-
chronization with a single low speed ODR line, giving less than 10
ns of phase matching between channels on different devices, which
makes it easy to synchronize. Applications like condition-based
monitoring, power quality analyzer, and sonar system demand tight
phase matching across high numbers of channels, making the
digital interface design complex.
The devices can be clocked with their own local clock sources yet
can achieve tight phase matching without the need of routing high
speed clock lines that adds to EMI issues. This clocking also means
that for applications demanding isolation, the user can pass fewer
low speed lines across the isolation barrier, as shown in Figure 100.
The AD4134 does not require the system clock across isolation to
synchronize isolated devices, which enables higher ODR in isolated
simultaneous sampling applications.
To achieve tight synchronization, the user must configure all the
devices in slave mode and use the SPI to set the DIG_IF_RESET
bit to reset the digital interface before the data capture. This
DIG_IF_RESET command must be given to all the slaves simulta-
neously using one single SPI write command.
Figure 100. Simplified Clocking in AD4134
COHERENT SAMPLING
The integrated ASRC of the AD4134 allows the user to set granular
sampling speeds from 0.01 kSPS to 1496 kSPS with a resolution
of 0.01 SPS. The ASRC allows the user to detect the line frequen-
cy and change the ODR so that there is a rational relationship
between the input signal frequency and the sampling speed.
Mathematically, coherent sampling is expressed as fIN/fODR = num-
ber of cycles in sampling window ÷ number of data points for FFT.
For example, fODR is 32 kSPS, fIN is 1 kHz, and the number of
samples is 512.
Number of cycles in the sampling window = 512 × 1000/32 kSPS =
16.
If the input frequency is 1.01 kHz, the ODR change is 4096 ×
1010/16 = 258.56 kSPS to achieve coherent sampling.
In applications like power metering and analysis, it is necessary to
achieve the required accuracy on the harmonic data and metering
parameters and ensure coherency between the ADC sampling rate
and the power line frequency.
LOW LATENCY DIGITAL CONTROL LOOP
The control loop demands low latency, but the antialias filter for
noise reduction adds significant delay, increasing the loop latency.
The inherent antialias rejection of the AD4134 removes the need of
the antialias filter, significantly reducing the signal chain latency.
The AD4134 supports throughput rates up to 1496 kSPS, making it
an optimal choice for low latency, 24-bit digital control loops.
AUTOMATIC GAIN CONTROL
The AD4134 has additional GPIO functionality when operated in
SPI control mode. One of the diagnostic features of the AD4134
enables GPIO7 to report any of the diagnostic errors by enabling
the ERR_PIN_OUT_EN bit.
The user can use GPIO7 to report any input overrange detection,
and based on the report the user can control the gain of the
front-end amplifier. Configure GPIO7 as an output and set the
ERR_PIN_EN_OR_AIN bit, which enables errors from input over-
range and enables error reporting on GPIO7. Wire the FRAME1/
GPIO7 pin to gain control of the amplifier.
Any input overrange above ±VREF on the input lines causes GPIO7
to go high, which brings down gain of the PGA, which reduces its
output below ±VREF. This control happens automatically without any
intervention of the digital host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com