Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 43 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD4134 Datasheet HTML 39Page - Analog Devices AD4134 Datasheet HTML 40Page - Analog Devices AD4134 Datasheet HTML 41Page - Analog Devices AD4134 Datasheet HTML 42Page - Analog Devices AD4134 Datasheet HTML 43Page - Analog Devices AD4134 Datasheet HTML 44Page - Analog Devices AD4134 Datasheet HTML 45Page - Analog Devices AD4134 Datasheet HTML 46Page - Analog Devices AD4134 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
Data Sheet
AD4134
CIRCUIT INFORMATION
analog.com
Rev. 0 | 43 of 92
Figure 83. Sinc3 and 50 Hz/60 Hz Rejection Filter Response (ODR = 50 SPS)
Wideband Low Ripple Filter
The wideband low ripple filter has a low ripple pass band, narrow
transition band, and high stop band rejection. The filter response
is close to an ideal brick wall filter, making it ideal for frequency
domain measurement and analysis.
Two wideband low ripple filter options are available on the AD4134:
one filter has a −3 dB corner at 0.433 × ODR, and the other filter
has a −3 dB corner at 0.10825 × ODR.
Both wideband low ripple filter options offer a pass-band ripple of
32 µdB and a stop band attenuation of −110 dB. For noise perform-
ance and resolution, see the Noise Performance and Resolution
section.
Figure 84. Low Ripple Wideband 0.433 × ODR Filter and Wideband 0.10825 ×
ODR Filter Frequency Response
Figure 85. Low Ripple Wideband 0.433 × ODR Filter and Wideband 0.10825 ×
ODR Filter Pass-Band Ripple
Figure 86. Low Ripple Wideband 0.433 × ODR Filter and Wideband 0.10825
Hz × ODR Filter Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com