Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 66 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD4134 Datasheet HTML 62Page - Analog Devices AD4134 Datasheet HTML 63Page - Analog Devices AD4134 Datasheet HTML 64Page - Analog Devices AD4134 Datasheet HTML 65Page - Analog Devices AD4134 Datasheet HTML 66Page - Analog Devices AD4134 Datasheet HTML 67Page - Analog Devices AD4134 Datasheet HTML 68Page - Analog Devices AD4134 Datasheet HTML 69Page - Analog Devices AD4134 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
Data Sheet
AD4134
DIGITAL INTERFACE
analog.com
Rev. 0 | 66 of 92
Figure 115. Data CRC Options
ASRC Master Mode Data Interface
When the ASRC is in master mode, the ODR pin behaves as an
output. The user has the choice to operate the DCLK pin in gated
mode or in free running mode.
With the DCLK pin configured as an output, the AD4134 acts as the
data interface master, providing the DCLK signals and the output
data steam synchronously to the ODR signal.
Figure 116. Data Interface Example 1, First AD4134 Device in ASRC Master
Mode with the Digital Host as Interface Slave
ASRC Slave Mode Data Interface
When the ASRC is in slave mode, the ODR pin behaves as an
input. The user has the choice to operate the DCLK pin in gated
mode or in free running mode.
With the DCLK pin configured as an input, the AD4134 acts as the
data interface slave, providing the output data stream on the input
DCLK driving edge.
If the DCLK pin is configured as a free running input, the user must
ensure that the DCLK pin is synchronized to the ODR signal for
proper data framing.
Figure 117. Data interface Example 2, Two AD4134 Devices in ASRC Slave
Mode with Digital Host as Interface Master
Daisy-Chaining
Daisy-chaining allows numerous devices to use the same data
interface lines by cascading the outputs of multiple ADCs from
separate AD4134 devices. The data interface of only one ADC
device is in direct connection with the digital host.
For the AD4134, implement this connection by cascading DOUT0
and DOUT1 through a number of devices, or using only DOUT0.
This feature is especially useful for reducing component count and
wiring connections, for example, in isolated multiconverter applica-
tions or for systems with a limited interfacing capacity.
When daisy-chaining with two channels, DOUT2 and DOUT3 be-
come serial data inputs, and DOUT0 and DOUT1 remain as serial
data outputs.
Figure 118 shows an example of daisy-chaining the AD4134 devi-
ces with two channels. In this case, the DOUT0 pin and DOUT1 pin
of the AD4134 devices are cascaded to the DOUT2 and DOUT3
pins of the next device in the chain. Data readback is analogous to
clocking a shift register.
The scheme operates by passing the output data of the DOUT0 pin
and DOUT1 pin of an AD4134 downstream device to the DOUT2
and DOUT3 inputs of the next AD4134 device upstream in the
chain. The data then continues through the chain until it is clocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com