Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 59 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD4134 Datasheet HTML 55Page - Analog Devices AD4134 Datasheet HTML 56Page - Analog Devices AD4134 Datasheet HTML 57Page - Analog Devices AD4134 Datasheet HTML 58Page - Analog Devices AD4134 Datasheet HTML 59Page - Analog Devices AD4134 Datasheet HTML 60Page - Analog Devices AD4134 Datasheet HTML 61Page - Analog Devices AD4134 Datasheet HTML 62Page - Analog Devices AD4134 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
Data Sheet
AD4134
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 59 of 92
Figure 96. Internal LDO Regulator Mode Power Connections
The internal LDO regulators are enabled only when the IOVDD
supply is powered up first by an external 1.8 V supply.
The internal LDO regulators work properly if the power supply
sequence in Figure 97 is followed. Ensure that the IOVDD and
LDOIN pins are powered after DVDD5, as shown in Figure 97.
Figure 97. Power Sequencing in Internal LDO Mode
If the internal LDO regulators are not used, tie the LDOIN pin to
DVDD1V8, as shown in Figure 98.
Figure 98. External Power Mode Connections
If AVDD1V8, DVDD1V8, and CLKVDD are powered from a sepa-
rate external supply, take caution on the supply sequencing. All
three supplies are connected internally through the back diode of
the regulator. If one supply powers up first, it can supply power
to other supplies through the back diode and the other LDO regula-
tors.
REFERENCE NOISE FILTERING
The user can reduce the noise contribution of the reference source
to the overall ADC conversion accuracy by filtering the reference
signal. An internal 20 Ω resistor between the REFIN pin and the
REFCAP pin enables the user to form a first-order RC filter by
connecting a capacitor on the REFCAP pin.
Figure 99. Reference Input Connection Using REFIN Pin
The equivalent noise bandwidth of a first-order filter is 0.25/RC in
Hz.
The noise contribution of the reference source is proportional to the
ADC input signal. The reference noise contribution is at the highest
when the input signal is at full scale. The reference noise has no
impact on the output when the ADC inputs are shorted.
As a general rule, limit the reference noise to ¼ of the noise of the
ADC to have a minimal effect on the overall SNR.
The total reference noise is the root sum square of its 1/f noise and
its wideband noise.
The 1/f noise of the reference can be estimated by its peak-to-peak
noise specification over the 0.1 Hz to 10 Hz frequency range. The
wideband noise can be calculated from the voltage noise density
specification of the reference and the reference noise bandwidth.
An example to calculate the reference noise requirement based on
the ADC mode of operation follows.
Consider the AD4134 device that is operating in high performance
mode, ODR = 374 kSPS, and wideband 0.433 × ODR filter with a
reference voltage of 4.096 V.
According to Table 9, the ADC noise in this setup is 12.63 µV rms.
The reference noise is ¼, equal to 3.16 µV rms.
An ADR444 reference IC is chosen to provide the reference voltage
for the AD4134. The ADR444 has a 0.1 Hz to 10 Hz peak noise
of 1.8 µV p-p, and a noise spectrum density of 78.6 nV/√Hz. The
ADR444 1/f noise is 1.8 µV p-p or 1.8/6.6 = 0.273 µV rms.
The total reference noise is the root sum square of its 1/f noise and
its wideband noise. Therefore,
√(0.2732 + n2WB) < 3.16
Solving the equation yields the wideband noise, nWB, of the
ADR444, which must be less than 3.14 µV rms.
The wideband noise of the ADR444 can be calculated by multiply-
ing its noise spectrum density by the square root of the noise
bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com