Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 79 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 79 Page - Analog Devices

Back Button AD4134 Datasheet HTML 75Page - Analog Devices AD4134 Datasheet HTML 76Page - Analog Devices AD4134 Datasheet HTML 77Page - Analog Devices AD4134 Datasheet HTML 78Page - Analog Devices AD4134 Datasheet HTML 79Page - Analog Devices AD4134 Datasheet HTML 80Page - Analog Devices AD4134 Datasheet HTML 81Page - Analog Devices AD4134 Datasheet HTML 82Page - Analog Devices AD4134 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
Data Sheet
AD4134
REGISTER DETAILS
analog.com
Rev. 0 | 79 of 92
Address: 0xD, Reset: 0x04, Name: VENDOR_ID_MSB
Table 50. Bit Descriptions for VENDOR_ID_MSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VENDOR_ID[15:8]
Vendor ID.
0x4
R
Address: 0xE, Reset: 0x00, Name: STREAM_MODE
Table 51. Bit Descriptions for STREAM_MODE
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
STREAM_MODE_BITS
Defines the Depth of the Loop for User Stream Mode.
0x0
R/W
Address: 0xF, Reset: 0x00, Name: TRANSFER_REGISTER
Table 52. Bit Descriptions for TRANSFER_REGISTER
Bits
Bit Name
Settings
Description
Reset
Access
[7:1]
Reserved
Reserved.
0x0
R
0
MASTER_SLAVE_TX_BIT
Master Slave Transfer Bit. When this bit is set, data is entered into the master registers
transferred to the slave. Upon completion of the transfer, the slave device clears this bit
(autoclears), indicating to the SPI master that the transfer was complete and the slave
data can be read back if desired by the control program. Prior to a transfer, an attempted
readback views the prior data unless Bit 5 of Register 0x1 (MASTER_SLAVE_RD_CTRL)
is set. In that case, the master data is accessed. Another method to invoke the transfer is
to use the low to high transition.
0x0
R/W
Address: 0x10, Reset: 0x00, Name: DEVICE_CONFIG_1
Table 53. Bit Descriptions for DEVICE_CONFIG_1
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
Reserved
Reserved, is always zero.
0x0
R/W
3
AA_MODE
Sets Inherent Antialiasing Mode.
0x0
R/W
0 AA1 mode.
1 AA2 mode.
2
SDO_PIN_SRC_SEL
DEC3/SDO Pin Signal Source Selection. In minimum I/O mode, the user can use the
DEC3/SDO pin for both register content and ADC conversion data readback.
0x0
R/W
0 DEC3/SDO pin acts as SPI serial data output.
1 Signal on DOUT0 is duplicated on DEC3/SDO pin.
1
REFIN_GAIN_CORR_EN
Enables Reference Gain Correction.
0x0
R/W
0 Reference gain correction disabled.
1 Reference gain correction enabled.
0
XCLKOUT_EN
XCLKOUT Output Enable Control.
0x0
R/W
0 XCLKOUT disabled.
1 XCLKOUT enabled.
Address: 0x11, Reset: 0x00, Name: DATA_PACKET_CONFIG
Table 54. Bit Descriptions for DATA_PACKET_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
7
CRC_POLY_RST_SEL
Data Interface CRC Reset Method Selection.
0x0
R/W
0 The data interface CRC is reset with default seed value at the end of every data frame.
1 The data interface CRC does not reset at the end of each data frame. The CRC value
calculated from the proceeding data frame seeds the CRC calculation of the current data
frame.
6
Reserved
Reserved - Please write 0 to this bit always
0x0
R/W
[5:4]
Frame
ADC Conversion Data Output Frame Control.
0x0
R/W
0 16-bit ADC data only.
1 16-bit ADC data followed by 6-bit CRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com