Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 82 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 82 Page - Analog Devices

Back Button AD4134 Datasheet HTML 78Page - Analog Devices AD4134 Datasheet HTML 79Page - Analog Devices AD4134 Datasheet HTML 80Page - Analog Devices AD4134 Datasheet HTML 81Page - Analog Devices AD4134 Datasheet HTML 82Page - Analog Devices AD4134 Datasheet HTML 83Page - Analog Devices AD4134 Datasheet HTML 84Page - Analog Devices AD4134 Datasheet HTML 85Page - Analog Devices AD4134 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
Data Sheet
AD4134
REGISTER DETAILS
analog.com
Rev. 0 | 82 of 92
Table 58. Bit Descriptions for DEVICE_STATUS
Bits
Bit Name
Settings
Description
Reset
Access
5
STAT_DCLKMODE
DEC1/DCLKMODE Pin Status Indicates if DCLK is in Free Running or Gated Mode.
0x0
R
0 DCLK is in gated mode. Compatible with SPI interface.
1 DCLK is in free running mode.
4
STAT_DCLKIO
DEC0/DCLKIO Pin Status Indicates DCLK Pin Direction.
0x0
R
0 DCLK is input.
1 DCLK is output.
3
STAT_MODE
MODE Pin Status Indicates Whether Device is Master or Slave.
0x0
R
0 Slave mode: ODR is input.
1 Master mode: ODR is output.
2
STAT_CLKSEL
CLKSEL Pin Status Indicates the Clock Source.
0x0
R
0 CMOS input clock is connected.
1 Crystal input is connected.
1
STAT_FUSE_ECC
Status Bit that Indicates Application of Fuse Error Correction Code. This bit is cleared on is read.
0x0
R
0 Error code correction not applied.
1 Error code correction applied.
0
STAT_PLL_LOCK
PLL Status in Slave Mode. Indicates if PLL has locked or not. Setting this bit indicates PLL is
locked.
0x0
R
0 PLL not locked.
1 PLL locked.
Address: 0x16, Reset: 0x40, Name: ODR_VAL_INT_LSB
Table 59. Bit Descriptions for ODR_VAL_INT_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
ODR_VAL_INT[7:0]
Integer Portion of Decimation Rate. Decimation rate is the ratio of 24 MHz to ODR. In master
mode, the user can program this register to set the ODR output frequency.
0x40
R/W
Address: 0x17, Reset: 0x00, Name: ODR_VAL_INT_MID
Table 60. Bit Descriptions for ODR_VAL_INT_MID
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
ODR_VAL_INT[15:8]
Integer Portion of Decimation Rate. Decimation rate is the ratio of 24 MHz to ODR. In master
mode, the user can program this register to set the ODR output frequency.
0x0
R/W
Address: 0x18, Reset: 0x00, Name: ODR_VAL_INT_MSB
Table 61. Bit Descriptions for ODR_VAL_INT_MSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
ODR_VAL_INT[23:16]
Integer Portion of Decimation Rate. Decimation rate is the ratio of 24 MHz to ODR. In master
mode, the user can program this register to set the ODR output frequency.
0x0
R/W
Address: 0x19, Reset: 0x72, Name: ODR_VAL_FLT_LSB
Table 62. Bit Descriptions for ODR_VAL_FLT_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
ODR_VAL_FLT[7:0]
Fractional Portion of Decimation Rate. Decimation rate is the ratio of 24 MHz to ODR. In master
mode, the user can program this register to set the ODR output frequency.
0x72
R/W
Address: 0x1A, Reset: 0xB7, Name: ODR_VAL_FLT_MID0
Table 63. Bit Descriptions for ODR_VAL_FLT_MID0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
ODR_VAL_FLT[15:8]
Fractional Portion of Decimation Rate. Decimation rate is the ratio of 24 MHz to ODR. In master
mode, the user can program this register to set the ODR output frequency.
0xB7
R/W
Address: 0x1B, Reset: 0xCE, Name: ODR_VAL_FLT_MID1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com