Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 85 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 85 Page - Analog Devices

Back Button AD4134 Datasheet HTML 81Page - Analog Devices AD4134 Datasheet HTML 82Page - Analog Devices AD4134 Datasheet HTML 83Page - Analog Devices AD4134 Datasheet HTML 84Page - Analog Devices AD4134 Datasheet HTML 85Page - Analog Devices AD4134 Datasheet HTML 86Page - Analog Devices AD4134 Datasheet HTML 87Page - Analog Devices AD4134 Datasheet HTML 88Page - Analog Devices AD4134 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
Data Sheet
AD4134
REGISTER DETAILS
analog.com
Rev. 0 | 85 of 92
Table 71. Bit Descriptions for ERROR_PIN_SRC_CONTROL
Bits
Bit Name
Settings
Description
Reset
Access
DCLK counter error. Make sure to enable the corresponding error in the diagnostic control
register to enable this reporting.
0 Disables pin toggle for internal errors.
1 Enables pin toggle for internal errors.
3
ERR_PIN_EN_SPI
Enables error reporting on GPIO7 if there are any SPI errors such as read, write, CRC
check, and clock counter errors. Make sure to enable SPI CRC error for reporting those
errors on the pin.
0x0
R/W
0 Disables pin toggle for SPI related errors.
1 Enables pin toggle for SPI related errors.
[2:0]
Reserved
Reserved.
0x0
R
Address: 0x23, Reset: 0x00, Name: ERROR_PIN_CONTROL
Table 72. Bit Descriptions for ERROR_PIN_CONTROL
Bits
Bit Name
Settings
Description
Reset
Access
[7:3]
Reserved
Reserved.
0x0
R
2
ERR_PIN_IN_STATUS
This bit is the readback of the latched status of the error input, GPIO6, when it is enabled
using the ERR_PIN_IN_EN bit.
0x0
R
1
ERR_PIN_IN_EN
Enables GPIO6 as an error input. This bit allows error to be daisy-chained from a digital host
and is OR’ed with internal errors.
0x0
R/W
0
ERR_PIN_OUT_EN
Enables GPIO7 as an error output pin. The source of this error is defined by the
ERROR_PIN_SRC_CONTROL register.
0x0
R/W
Address: 0x24, Reset: 0x00, Name: VCMBUF_CTRL
Table 73. Bit Descriptions for VCMBUF_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
7
Reserved
Reserved.
0x0
R
6
PWRDN_VCMBUF
VCM Buffer Power Control.
0x0
R/W
0 VCM buffer powered on.
1 VCM buffer powered down.
[5:1]
VCMBUF_REF_DIV_SEL
VCM Output Voltage Level Selection when VCMBUF_REF_SEL = 0.
0x0
R/W
0 VCM = VREF × 10/20.
1 Reserved.
10 VCM = VREF × 19/20.
11 VCM = VREF × 18/20.
100 VCM = VREF × 17/20.
101 VCM = VREF × 16/20.
110 VCM = VREF × 15/20.
111 VCM = VREF × 14/20.
1000 VCM = VREF × 13/20.
1001 VCM = VREF × 12/20.
1010 VCM = VREF × 11/20.
1011 VCM = VREF × 9/20.
1100 VCM = VREF × 8/20.
1101 VCM = VREF × 7/20.
1110 VCM = VREF × 6/20.
1111 VCM = VREF × 5/20.
10000 VCM = VREF × 4/20.
10001 VCM = VREF × 3/20.
10010 VCM = VREF × 2/20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com