Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 23Page - National Semiconductor (TI) SC1100 Datasheet HTML 24Page - National Semiconductor (TI) SC1100 Datasheet HTML 25Page - National Semiconductor (TI) SC1100 Datasheet HTML 26Page - National Semiconductor (TI) SC1100 Datasheet HTML 27Page - National Semiconductor (TI) SC1100 Datasheet HTML 28Page - National Semiconductor (TI) SC1100 Datasheet HTML 29Page - National Semiconductor (TI) SC1100 Datasheet HTML 30Page - National Semiconductor (TI) SC1100 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 348 page
background image
Revision 1.1
27
www.national.com
Signal Definitions (Continued)
Table 2-3. Ball Assignment - Sorted Alphabetically by Signal Name
Signal Name
Ball No.
A0
E25
A1
F26
A2
F25
A3
G26
A4
G25
A5
H26
A6
H25
A7
D24
A8
E23
A9
J26
A10
J25
A11
K25
A12
K26
A13
F23
A14
F24
A15
L26
A16
R25
A17
K24
A18
T26
A19
T25
A20
L24
A21
U26
A22
U25
A23
M24
AB1C
Y1
AB1D
Y2
AB2C
AE23
AB2D
AD23
AC97_CLK
AC21
AC97_RST#
AF23
AD0
E25
AD1
F26
AD2
F25
AD3
G26
AD4
G25
AD5
H26
AD6
H25
AD7
D24
AD8
E23
AD9
J26
AD10
J25
AD11
K25
AD12
K26
AD13
F23
AD14
F24
AD15
L26
AD16
R25
AD17
K24
AD18
T26
AD19
T25
AD20
L24
AD21
U26
AD22
U25
AD23
M24
AD24
V25
AD25
W26
AD26
N24
AD27
P24
AD28
W25
AD29
Y26
AD30
R24
AD31
Y25
AVCCUSB
AF6
AVSSPLL
AF9
AVSSUSB
AD9
BA0
C11
BA1
C12
BHE#
N26
BIT_CLK
AC22
BOOT16
C23
C/BE0#
E24
C/BE1#
G24
C/BE2#
R26
C/BE3#
V26
CASA#
D3
CKEA
A19
CLKSEL0
D23
CLKSEL1
AD25
CLKSEL2
AD22
Signal Name
Ball No.
CLKSEL3
AE22
CS0#
B3
CS1#
A3
CTS#
AC12
D0
V25
D1
W26
D10
R26
D11
V26
D12
H24
D13
N25
D14
P26
D15
M25
D2
N24
D3
P24
D4
W25
D5
Y26
D6
R24
D7
Y25
D8
E24
D9
G24
DCD#
AE12
DEVSEL#
N26
DNEG_PORT1
AE7
DNEG_PORT2
AF8
DNEG_PORT3
AE8
DOCCS#
D21
DOCR#
D22
DOCW#
C22
DPOS_PORT1
AD7
DPOS_PORT2
AF7
DPOS_PORT3
AD8
DQM0
M1
DQM1
M2
DQM2
B11
DQM3
A11
DQM4
P3
DQM5
N3
DQM6
C14
DQM7
C15
DSR#
AF12
Signal Name
Ball No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com