Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 66Page - National Semiconductor (TI) SC1100 Datasheet HTML 67Page - National Semiconductor (TI) SC1100 Datasheet HTML 68Page - National Semiconductor (TI) SC1100 Datasheet HTML 69Page - National Semiconductor (TI) SC1100 Datasheet HTML 70Page - National Semiconductor (TI) SC1100 Datasheet HTML 71Page - National Semiconductor (TI) SC1100 Datasheet HTML 72Page - National Semiconductor (TI) SC1100 Datasheet HTML 73Page - National Semiconductor (TI) SC1100 Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 348 page
background image
www.national.com
70
Revision 1.1
SuperI/O Module (Continued)
4.4
STANDARD CONFIGURATION REGISTERS
As illustrated in Figure 4-4, the Standard Configuration reg-
isters are broadly divided into two categories: SIO Control
and Configuration registers and Logical Device Control and
Configuration registers (one per logical device, some are
optional).
SIO Control and Configuration Registers
The only PnP control register in the SIO module is the Log-
ical Device Number register at Index 07h. All other stan-
dard PnP control registers are associated with PnP
protocol for ISA add-in cards, and are not supported by the
SIO module.
The SIO Configuration registers at Index 20h-27h are
mainly used for part identification. (See Section 4.4.1 "SIO
Control and Configuration Registers" on page 73 for further
details.)
Logical Device Control and Configuration Registers
A subset of these registers is implemented for each logical
device. (See Table 4-2 on page 68 for LDN assignment and
Section 4.4.2 "Logical Device Control and Configuration"
on page 74 for register details.)
Logical Device Control Register (Index 30h): The only
implemented Logical Device Control register is the Activate
register at Index 30. Bit 0 of the Activate register and bit 0
of the SIO Configuration 1 register (Global Device Enable
bit) control the activation of the associated function block
(except for the RTC and the SWC). Activation of the block
enables access to the block’s registers, and attaches its
system resources, which are unused as long as the block is
not activated. Activation of the block may also result in
other effects (e.g., clock enable and active signaling), for
certain functions.
Standard
Logical
Device
Configuration
Registers
(Index 60h-75h): These registers are used to manage the
resource allocation to the functional blocks. The I/O port
base address descriptor 0 is a pair of registers at Index
60h-61h, holding the (first or only) 16-bit base address for
the register set of the functional block. An optional second
base-address (descriptor 1) at Index 62h-63h is used for
devices with more than one continuous register set. Inter-
rupt Number Select (Index 70h) and Interrupt Type Select
(Index 71h) allocate an IRQ line to the block and control its
type. DMA Channel Select 0 (Index 74h) allocates a DMA
channel to the block, where applicable. DMA Channel
Select 1 (Index 75h) allocates a second DMA channel,
where applicable.
Special Logical Device Configuration Registers (F0h-
F3h): The vendor-defined registers, starting at Index F0h
are used to control function-specific parameters such as
operation modes, power saving modes, pin TRI-STATE,
clock rate selection, and non-standard extensions to
generic functions.
Figure 4-4. Standard Configuration Registers Map
SIO Control and
Configuration Registers
Logical Device Control and
one per logical device
Configuration Registers -
Index
Register Name
07h
Logical Device Number
20h
SIO ID
21h
SIO Configuration 1
22h
SIO Configuration 2
27h
SIO Revision ID
2Eh
Reserved exclusively for National use
30h
Logical Device Control (Activate)
60h
I/O Port Base Address Descriptor 0 Bits [15:8]
61h
I/O Port Base Address Descriptor 0 Bits [7:0]
62h
I/O Port Base Address Descriptor 1 Bits [15:8]
63h
I/O Port Base Address Descriptor 1 Bits [7:0]
70h
Interrupt Number Select
71h
Interrupt Type Select
74h
DMA Channel Select 0
75h
DMA Channel Select 1
F0h
Device Specific Logical Device Configuration 1
F1h
Device Specific Logical Device Configuration 2
F2h
Device Specific Logical Device Configuration 3
F3h
Device Specific Logical Device Configuration 4
(some are optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com