Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 74 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 74 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 70Page - National Semiconductor (TI) SC1100 Datasheet HTML 71Page - National Semiconductor (TI) SC1100 Datasheet HTML 72Page - National Semiconductor (TI) SC1100 Datasheet HTML 73Page - National Semiconductor (TI) SC1100 Datasheet HTML 74Page - National Semiconductor (TI) SC1100 Datasheet HTML 75Page - National Semiconductor (TI) SC1100 Datasheet HTML 76Page - National Semiconductor (TI) SC1100 Datasheet HTML 77Page - National Semiconductor (TI) SC1100 Datasheet HTML 78Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 348 page
background image
www.national.com
74
Revision 1.1
SuperI/O Module (Continued)
4.4.2
Logical Device Control and Configuration
As described in Section 4.3.2 "Banked Logical Device Reg-
isters" on page 68, each functional block is associated with
a Logical Device Number (LDN). This section provides the
register descriptions for each LDN.
The register descriptions in this subsection use the follow-
ing abbreviations for Type:
• R/W
= Read/Write
• R
= Read from a specific address returns the
value of a specific register. Write to the
same address is to a different register.
•W
= Write
• RO
= Read Only
• R/W1C = Read/Write 1 to Clear. Writing 1 to a bit
clears it to 0. Writing 0 has no effect.
4.4.2.1
LDN 00h - Real-Time Clock
Table 4-6 lists the registers which are relevant to configura-
tion of the Real-Time Clock (RTC). Only the last registers
(F0h-F3h) are described here (Table 4-7). See Table 4-3
"Standard Configuration Registers" on page 71 for descrip-
tions of the other registers.
Table 4-6. Relevant RTC Configuration Registers
Index
Type
Configuration Register or Action
Reset
Value
30h
R/W
Activate. When bit 0 is cleared, the registers of this logical device are not accessible.1
00h
60h
R/W
Standard Base Address MSB register. Bits [7:3] (for A[15:11]) are RO, 00000b.
00h
61h
R/W
Standard Base Address LSB register. Bit 0 (for A0) is RO, 0b.
70h
62h
R/W
Extended Base Address MSB register. Bits [7:3] (for A[15:11]) are RO, 00000b.
00h
63h
R/W
Extended Base Address LSB register. Bit 0 (for A0) is RO, 0b.
72h
70h
R/W
Interrupt Number.
08h
71h
R/W
Interrupt Type. Bit 1 is R/W; other bits are RO.
00h
74h
RO
Report no DMA assignment.
04h
75h
RO
Report no DMA assignment.
04h
F0h
R/W
RAM Lock register (RLR).
00h
F1h
R/W
Date of Month Alarm Offset register (DOMAO). Sets index of Date of Month Alarm
register in the standard base address.
00h
F2h
R/W
Month Alarm Offset register (MONAO). Sets index of Month Alarm register in the
standard base address.
00h
F3h
R/W
Century Offset register (CENO). Sets index of Century register in the standard base
address.
00h
1.
The logical device registers are maintained, and all RTC mechanisms are functional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com