Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 58Page - National Semiconductor (TI) SC1100 Datasheet HTML 59Page - National Semiconductor (TI) SC1100 Datasheet HTML 60Page - National Semiconductor (TI) SC1100 Datasheet HTML 61Page - National Semiconductor (TI) SC1100 Datasheet HTML 62Page - National Semiconductor (TI) SC1100 Datasheet HTML 63Page - National Semiconductor (TI) SC1100 Datasheet HTML 64Page - National Semiconductor (TI) SC1100 Datasheet HTML 65Page - National Semiconductor (TI) SC1100 Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 348 page
background image
www.national.com
62
Revision 1.1
General Configuration Block (Continued)
3.5.4
SuperI/O Clocks
The SuperI/O module requires a 48 MHz input to the UART
and other functions. This clock is supplied by PLL4 using a
multiplier value of 576/(108x3) to generate 48 MHz.
3.5.5
Core Logic Module Clocks
The Core Logic module requires the following clock
sources:
Real Time (RTC)
RTC requires a 32.768 KHz clock which is supplied directly
from an internal low-power crystal oscillator. This oscillator
uses battery power and has very low current consumption.
USB
The USB requires a 48 MHz input which is supplied by
PLL4. The required total frequency accuracy and slow jitter
for USB is 500 PPM; edge to edge jitter is
±1.2%.
ACPI
The ACPI logic block uses a 14.32 MHz clock supplied by
FMUL3. FMUL3 creates this clock from the 32.768 KHz
clock, with a multiplier value of 6992/4 to output a 57.278
MHz clock that is divided by 4.
External PCI
The PCI Interface uses a 33.3 MHz clock that is created by
PLL5 and divided by 2. PLL5 uses the 27 MHz clock, to
output a 66.67 MHz clock. PLL5 has a frequency accuracy
of
± 0.1%.
AC97
The SC1100 generates the 24.576 MHz clock required by
the audio codec. Therefore, no crystal need be included for
the audio codec on the system board.
PLL3 uses the crystal oscillator clock to generate a 24.576
MHz clock. This clock is driven on the AC97_CLK signal
(ball AC21). The accuracy of the clock supplied by the
SC1100 is 50 PPM.
Figure 3-4. PLL3 and Dividers Block Diagram
27 MHz
VCO
Phase
Compare
Divide by
MFF
Divide by
MFB
Divide by
MO
SHUTDOWN
Reference Input
VCO clock
PLL3
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com