Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 57Page - National Semiconductor (TI) SC1100 Datasheet HTML 58Page - National Semiconductor (TI) SC1100 Datasheet HTML 59Page - National Semiconductor (TI) SC1100 Datasheet HTML 60Page - National Semiconductor (TI) SC1100 Datasheet HTML 61Page - National Semiconductor (TI) SC1100 Datasheet HTML 62Page - National Semiconductor (TI) SC1100 Datasheet HTML 63Page - National Semiconductor (TI) SC1100 Datasheet HTML 64Page - National Semiconductor (TI) SC1100 Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 348 page
background image
Revision 1.1
61
www.national.com
General Configuration Block (Continued)
3.5.2
GX1 Module Core Clock
The core clock is generated by an Analog Delay Loop
(ADL) clock generator from the internal Fast-PCI clock. The
clock can be any whole-number multiple of the input clock
between 4 and 10. Possible values are listed in Table 3-6.
At power-on reset, the core clock multiplier value is set
according to the value of four strapped pins - CLKSEL[3:0]
(balls AE22, AD22, AD25, D23). These pins also select the
clock which is used as input to the multiplier.
3.5.3
Internal Fast-PCI Clock
The internal Fast-PCI clock can be configured to 33 or 66
MHz via strap pins CLKSEL1 and CLKSEL0. These can be
read in the internal Fast-PCI Clock field in the CCFC regis-
ter (GCB+I/O Offset 1Eh[9:8]). (See Table 3-2 on page 50
details on the CCFC register.)
Table 3-6. Core Clock Frequency
ADL
Multiplier
Value
Internal Fast-PCI Clock Freq. (MHz)
33.33
66.67
4
---
266.7
7233.3
–
8266.7
–
9
300
–
Table 3-7. Strapped Core Clock Frequency
CLKSEL[3:0]
Straps
Internal Fast-PCI Clock
Freq. (MHz)
(GCB+I/O Offset 1Eh[9:8])
Default ADL Multiplier
Maximum Core
Clock Freq. (MHz)
Multiply By
Multiplier Value
(GCB+I/O Offset 1Eh[3:0])
0000
33.33
7
0111
233
0100
8
1000
266
1000
9
1001
300
0110
66.67
4
0100
266



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com