Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 61Page - National Semiconductor (TI) SC1100 Datasheet HTML 62Page - National Semiconductor (TI) SC1100 Datasheet HTML 63Page - National Semiconductor (TI) SC1100 Datasheet HTML 64Page - National Semiconductor (TI) SC1100 Datasheet HTML 65Page - National Semiconductor (TI) SC1100 Datasheet HTML 66Page - National Semiconductor (TI) SC1100 Datasheet HTML 67Page - National Semiconductor (TI) SC1100 Datasheet HTML 68Page - National Semiconductor (TI) SC1100 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 348 page
background image
Revision 1.1
65
www.national.com
4.0
SuperI/O Module
The SuperI/O (SIO) module is a member of National Semi-
conductor’s SuperI/O family of integrated PC peripherals. It
is a PC98 and ACPI compliant SIO that offers a single-cell
solution to the most commonly used ISA peripherals.
The SIO module incorporates: one Serial Port, an Infrared
Communication Port that supports FIR, MIR, HP-SIR,
Sharp-IR, and Consumer Electronics-IR, two ACCESS.bus
Interface (ACB) ports, System Wakeup Control (SWC), and
a Real-Time Clock (RTC) that provides RTC timekeeping.
Outstanding Features
• Full compatibility with ACPI Revision 1.0 requirements.
• System Wakeup Control powered by VSB, generates
power-up request and a PME (power management
event) in response to a pre-programmed CEIR, or a RI#
(serial port ring indicate) event.
• Advanced RTC, Y2K compliant.
Figure 4-1. SIO Block Diagram
Wakeup
Events
Host Interface
ISA
Interface
AB2D
PWUREQ
IR Comunication
Infrared
Interface
Serial Port
Serial
Interface
VSB
VBAT
Port
System Wakeup
Control
Real-Time Clock
AB2C
ACCESS.bus 2
AB1D
AB1C
ACCESS.bus 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com