Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 76Page - National Semiconductor (TI) SC1100 Datasheet HTML 77Page - National Semiconductor (TI) SC1100 Datasheet HTML 78Page - National Semiconductor (TI) SC1100 Datasheet HTML 79Page - National Semiconductor (TI) SC1100 Datasheet HTML 80Page - National Semiconductor (TI) SC1100 Datasheet HTML 81Page - National Semiconductor (TI) SC1100 Datasheet HTML 82Page - National Semiconductor (TI) SC1100 Datasheet HTML 83Page - National Semiconductor (TI) SC1100 Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 348 page
background image
www.national.com
80
Revision 1.1
SuperI/O Module (Continued)
4.5
REAL-TIME CLOCK (RTC)
The RTC provides timekeeping and calendar management
capabilities. The RTC uses a 32.768 KHz signal as the
basic clock for timekeeping. It also includes 242 bytes of
battery-backed RAM for general-purpose use.
The RTC provides the following functions:
• Accurate timekeeping and calendar management
• Alarm at a predetermined time and/or date
• Three programmable interrupt sources
• Valid timekeeping during power-down, by utilizing
external battery backup
• 242 bytes of battery-backed RAM
• RAM lock schemes to protect its content
• Internal oscillator circuit (the crystal itself is off-chip), or
external clock supply for the 32.768 KHz clock
• A century counter
• PnP support:
— Relocatable Index and Data registers
— Module access enable/disable option
— Host interrupt enable/disable option
• Additional low-power features such as:
— Automatic switching from battery to VSB
— Internal power monitoring on the VRT bit
— Oscillator disabling to save battery during storage
• Software compatible with the DS1287 and MC146818
4.5.1
Bus Interface
The RTC function is initially mapped to the default SuperI/O
locations at Indexes 70h to 73h (two Index/Data pairs).
These locations may be reassigned, in compliance with
Plug and Play requirements.
4.5.2
RTC Clock Generation
The RTC uses a 32.768 KHz clock signal as the basic
clock for timekeeping. The 32.768 KHz clock can be sup-
plied by the internal oscillator circuit, or by an external
oscillator (see Section 4.5.2.2 "External Oscillator" on page
81).
4.5.2.1
Internal Oscillator
The internal oscillator employs an external crystal con-
nected to the on-chip amplifier. The on-chip amplifier is
accessible on the X32I input and X32O output. See Figure
4-5 for the recommended external circuit and Table 4-5 for
a listing of the circuit components. The oscillator may be
disabled in certain conditions. See Section 4.5.3.5 "Oscilla-
tor Activity" on page 84 for more details.
Figure 4-5. Recommended Crystal External
Circuitry
VBAT
CF
Internal
External
R2
X32I
X32O
C1
C2
R1
Y
To other
modules
Battery
B1
CF = 0.1 µF
Table 4-15. Crystal Oscillator Circuit Components
Component
Parameters
Values
Tolerance
Crystal
Resonance Frequency
32.768 KHz Parallel Mode
User-defined
Type
N-Cut or XY-bar
Serial Resistance
40 K
Ω
Max
Quality Factor, Q
35000
Min
Shunt Capacitance
2 pF
Max
Load Capacitance, CL
9-13 pF
Temperature Coefficient
User-defined
Resistor R1
Resistance
20 M
Ω
5%
Resistor R2
Resistance
180 K
Ω
5%
Capacitor C1
Capacitance
3 to 10 pF
5%
Capacitor C2
Capacitance
3 to 10 pF
5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com