Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 46Page - National Semiconductor (TI) SC1100 Datasheet HTML 47Page - National Semiconductor (TI) SC1100 Datasheet HTML 48Page - National Semiconductor (TI) SC1100 Datasheet HTML 49Page - National Semiconductor (TI) SC1100 Datasheet HTML 50Page - National Semiconductor (TI) SC1100 Datasheet HTML 51Page - National Semiconductor (TI) SC1100 Datasheet HTML 52Page - National Semiconductor (TI) SC1100 Datasheet HTML 53Page - National Semiconductor (TI) SC1100 Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 348 page
background image
www.national.com
50
Revision 1.1
General Configuration Block (Continued)
3.2
MULTIPLEXING, INTERRUPT SELECTION, AND BASE ADDRESS REGISTERS
The registers described in the Table 3-2 are used to deter-
mine general configuration for the Geode SC1100. These
registers also indicate which multiplexed signals are issued
via balls from which more than one signal may be output.
For more information about multiplexed signals and the
appropriate configurations, see Section 2.1 "Ball Assign-
ments" on page 17.
Table 3-2. Multiplexing, Interrupt Selection, and Base Address Registers
Bit
Description
Offset 30h
Pin Multiplexing Register - PMR (R/W)
Reset Value: 00000000h
Width: DWORD
This register configures pins with multiple functions. See Section 2.1 "Ball Assignments" on page 17 for more information about multi-
plexing information.
31:30
Reserved. Always write 0.
29
Test Signals. Selects ball functions.
0: Internal Test/Serial Port Signal
1: Internal Test Signal
Ball #
Name
Add’l Dependencies
Name
Add’l Dependencies
AA24
GPIO41
PMR[27] and FPCI_MON = 0
TEST0
PMR[27] and FPCI_MON = 0
F_C/BE0#
PMR[27] or FPCI_MON = 1
F_C/BE0#
PMR[27] or FPCI_MON = 1
AD10
FMUL3B
None
TEST1
None
AC11
PLL5B
None
TEST2
None
C20
IRTX+GXCLK
See PMR[6]
TEST3
PMR[6] = 1
28
Test Signals. Selects ball function.
0: GPIO Signal
1: Internal Test Signal
Ball #
Name
Add’l Dependencies
Name
Add’l Dependencies
B20
GPIO40
PMR[27] and FPCI_MON = 0
SDTEST5
PMR[27] and FPCI_MON = 0
F_AD6
PMR[27] or FPCI_MON = 1
F_AD6
PMR[27] or FPCI_MON = 1
27
FPCI_MON (Fast-PCI Monitoring). Fast-PCI monitoring output signals can be enabled in two ways: by setting this bit to 1
or by strapping FPCI_MON (ball AB25) high. (The strapped value can be read back at MCR[30].) Listed below is how these
two options work together and the signals that are enabled (enabling overrides add’l dependencies).
PMR[27] FPCI_MON
0
0
Disable Fast-PCI monitoring signals
0
1
Enable Fast-PCI monitoring signals
1
0
Enable Fast-PCI monitoring signals
1
1
Enable Fast-PCI monitoring signals
Ball #
FPCI_MON Signal
Other Signal
Add’l Dependencies
AD24
FPCICLK
GPIO1
None
AB24
F_AD7
GPIO47
None
B20
F_AD6
GPIO40+SDTEST5
See PMR[28]
AB23
F_AD5
GPIO38
None
AD23
F_AD4
GPIO13+AB2D
See PMR[19]
AE23
F_AD3
GPIO12+AB2C
See PMR[19]
Y2
F_AD2
AB1D
None
Y1
F_AD1
AB1C
None
AC24
F_AD0
GPIO18
None
AF11
F_C/BE3#
GPIO7+RTS#+IDE_DACK1#
See PMR[17]
AE11
F_C/BE2#
SOUT
None
AD11
F_C/BE1#
SIN
None
AA24
F_C/BE0#
GPIO41+TEST0
See PMR[29]
AF12
F_FRAME#
GPIO10+DSR#+IDE_IORDY1
See PMR[18]
AE12
F_IRDY#
GPIO9+DCD#+IDE_IOW1#
See PMR[18]
AE18
F_DEVSEL#
GPIO16+IRRX1+PC_BEEP
See PMR[6]
AF23
F_STOP#
AC97_RST#
None
AF22
F_GNT0#
SDATA_IN
None
AC22
F_TRDY#
BIT_CLK
None
AE18
F_DEVSEL#
GPIO16+PC_BEEP+IRRX1
See PMR[6]
AD12
INTR_O
GPIO6+DTR#/BOUTIDE_IOR1#
See PMR[18]
AC12
SMI_O
GPIO8+CTS#+IDE_DREQ1
See PMR[17]
26
Reserved: Always write 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com