Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 74Page - National Semiconductor (TI) SC1100 Datasheet HTML 75Page - National Semiconductor (TI) SC1100 Datasheet HTML 76Page - National Semiconductor (TI) SC1100 Datasheet HTML 77Page - National Semiconductor (TI) SC1100 Datasheet HTML 78Page - National Semiconductor (TI) SC1100 Datasheet HTML 79Page - National Semiconductor (TI) SC1100 Datasheet HTML 80Page - National Semiconductor (TI) SC1100 Datasheet HTML 81Page - National Semiconductor (TI) SC1100 Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 348 page
background image
www.national.com
78
Revision 1.1
SuperI/O Module (Continued)
4.4.2.4
LDN 05h and 06h - ACCESS.bus Ports 1 and 2
ACCESS.bus ports 1 and 2 (ACB1 and ACB2) are identi-
cal. Each ACB is a two-wire synchronous serial interface
compatible with the ACCESS.bus physical layer. ACB1 and
ACB2 use a 24 MHz internal clock. Six runtime registers for
each
ACCESS.bus
are
described
in
Section
4.7
"ACCESS.bus Interface" on page 97.
ACB1 is designated as LDN 05h and ACB2 as LDN 06h.
Table 4-11 lists the configuration registers which affect the
ACCESS.bus ports. Only the last register (F0h) is
described here (Table 4-12). See Table 4-3 "Standard Con-
figuration Registers" on page 71 for descriptions of the oth-
ers.
Table 4-11. Relevant ACB1 and ACB2 Registers
Index
Type
Configuration Register or Action
Reset
Value
30h
R/W
Activate. See also bit 0 of the SIOCF1 register
00h
60h
R/W
Base Address MSB register.
00h
61h
R/W
Base Address LSB register. Bits [2:0] (for A[2:0]) are RO, 000b.
00h
70h
R/W
Interrupt Number.
00h
71h
R/W
Interrupt Type. Bit 1 is R/W. Other bits are RO.
03h
74h
RO
Report no DMA assignment.
04h
75h
RO
Report no DMA assignment.
04h
F0h
R/W
ACB1 and ACB2 Configuration register.
00h
Table 4-12. ACB1 and ACB2 Configuration Register
Bit
Description
Index F0h
ACB1 and ACB2 Configuration Register (R/W)
Reset Value: 00h
Width: Byte
This register is reset by hardware to 00h.
7:3
Reserved.
2
Internal Pull-Up Enable.
0: No internal pull-up resistors on AB1C/AB2C and AB1D/AB2D. (Default)
1: Internal pull-up resistors on AB1C/AB2C and AB1D/AB2D.
1:0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com