Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 40Page - National Semiconductor (TI) SC1100 Datasheet HTML 41Page - National Semiconductor (TI) SC1100 Datasheet HTML 42Page - National Semiconductor (TI) SC1100 Datasheet HTML 43Page - National Semiconductor (TI) SC1100 Datasheet HTML 44Page - National Semiconductor (TI) SC1100 Datasheet HTML 45Page - National Semiconductor (TI) SC1100 Datasheet HTML 46Page - National Semiconductor (TI) SC1100 Datasheet HTML 47Page - National Semiconductor (TI) SC1100 Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 348 page
background image
www.national.com
44
Revision 1.1
Signal Definitions (Continued)
DCD#
AE12
I
Data Carrier Detected. When low, indicates that the
data transfer device (e.g., modem) is ready to establish a
communications link.
GPIO9+
IDE_IOW1#+
F_IRDY#
DSR#
AF12
I
Data Set Ready. When low, indicates that the data trans-
fer device (e.g., modem) is ready to establish a communi-
cations link.
GPIO10+
IDE_IORDY1+
F_FRAME#
IRRX1
AE18
I
IR Receive. Primary input to receive serial data from the
IR transceiver. Monitored during power-off for wakeup
event detection.
GPIO16+
PC_BEEP+
F_DEVSEL
IRTX
C20
O
IR Transmit. IR serial output data.
GXCLK+TEST3
2.4.10 AC97 Audio Interface Signals
Signal Name
Ball No.
Type
Description
Mux
BIT_CLK
AC22
I
Audio Bit Clock. The serial bit clock from the codec.
F_TRDY#
SDATA_OUT
AD22
O
Serial Data Output. This output transmits audio serial
data to the codec.
CLKSEL2 (Strap)
SDATA_IN
AF22
I
Serial Data Input. This input receives serial data from
the primary codec.
F_GNT0#
SYNC
AE22
O
Serial Bus Synchronization. This bit is asserted to syn-
chronize the transfer of data between the SC1100 and
the AC97 codec.
CLKSEL3 (Strap)
AC97_CLK
AC21
O
Codec Clock. It is twice the frequency of the Audio Bit
Clock.
---
AC97_RST#
AF23
O
Codec Reset. S3 to S5 wakeup is not supported
because AC97_RST# is powered by VIO. If wakeup from
states S3 to S5 are needed, a circuit in the system board
should be used to reset the AC97 codec.
F_STOP
PC_BEEP
AE18
O
PC Beep. Legacy PC/AT speaker output.
GPIO16+IRRX1+
F_DEVSEL#
2.4.11 Power Management Interface Signals
Signal Name
Ball No.
Type
Description
Mux
GPWIO0
AC15
I/O
General Purpose Wakeup I/Os. These signals each
have an internal pull-up of 100 K
Ω.
---
GPWIO1
AE16
I/O
---
GPWIO2
AF17
I/O
---
ONCTL#
AD15
O
On / Off Control. This signal indicates to the main power
supply that power should be turned on. This signal is an
open-drain output.
---
2.4.9
Serial Port (UART) and Infrared (IR) Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com