Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 98 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 98 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 94Page - National Semiconductor (TI) SC1100 Datasheet HTML 95Page - National Semiconductor (TI) SC1100 Datasheet HTML 96Page - National Semiconductor (TI) SC1100 Datasheet HTML 97Page - National Semiconductor (TI) SC1100 Datasheet HTML 98Page - National Semiconductor (TI) SC1100 Datasheet HTML 99Page - National Semiconductor (TI) SC1100 Datasheet HTML 100Page - National Semiconductor (TI) SC1100 Datasheet HTML 101Page - National Semiconductor (TI) SC1100 Datasheet HTML 102Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 348 page
background image
www.national.com
98
Revision 1.1
SuperI/O Module (Continued)
4.7.3
Acknowledge (ACK) Cycle
The ACK cycle consists of two signals: the ACK clock
pulse sent by the master with each byte transferred, and
the ACK signal sent by the receiving device (see Figure 4-
15).
The master generates the ACK clock pulse on the ninth
clock pulse of the byte transfer. The transmitter releases
the ABD line (permits it to go high) to allow the receiver to
send the ACK signal. The receiver must pull down the ABD
line during the ACK clock pulse, signalling that it has cor-
rectly received the last data byte and is ready to receive
the next byte. Figure 4-16 illustrates the ACK cycle.
Figure 4-15. ACCESS.bus Data Transaction
Figure 4-16. ACCESS.bus Acknowledge Cycle
S
P
Start
Condition
Stop
Condition
ABD
ABC
MSB
ACK
ACK
12 3 - 6
7
8
9
1
23 - 8
9
Acknowledge
Signal From Receiver
Byte Complete
Interrupt Within
Receiver
Clock Line Held
Low by Receiver
While Interrupt
is Serviced
S
Start
Condition
ABC
12 3 - 6
7
8
9
Transmitter Stays Off Bus
During Acknowledge Clock
Acknowledge
Signal From Receiver
Data Output
by Transmitter
Data Output
by Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com