Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 68Page - National Semiconductor (TI) SC1100 Datasheet HTML 69Page - National Semiconductor (TI) SC1100 Datasheet HTML 70Page - National Semiconductor (TI) SC1100 Datasheet HTML 71Page - National Semiconductor (TI) SC1100 Datasheet HTML 72Page - National Semiconductor (TI) SC1100 Datasheet HTML 73Page - National Semiconductor (TI) SC1100 Datasheet HTML 74Page - National Semiconductor (TI) SC1100 Datasheet HTML 75Page - National Semiconductor (TI) SC1100 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 348 page
background image
www.national.com
72
Revision 1.1
SuperI/O Module (Continued)
Index 74h
DMA Channel Select 0 (R/W)
Width: Byte
Selected DMA channel for DMA 0 of the logical device (0 - the first DMA channel when using more than one DMA channel).
7:3
Reserved.
2:0
DMA 0 Channel Select. This bit field selects the DMA channel for DMA 0.
The valid choices are 0-3, where a value of 0 selects DMA channel 0, 1 selects channel 1, etc.
A value of 4 indicates that no DMA channel is active.
Values 5-7 are reserved.
Index 75h
DMA Channel Select 1 (R/W)
Width: Byte
Indicates selected DMA channel for DMA 1 of the logical device (1 - the second DMA channel when using more than one DMA channel).
7:3
Reserved.
2:0
DMA 1 Channel Select: This bit field selects the DMA channel for DMA 1.
The valid choices are 0-3, where a value of 0 selects DMA channel 0, 1 selects channel 1, etc.
A value of 4 indicates that no DMA channel is active.
Values 5-7 are reserved.
Index F0h-FEh
Logical Device Configuration (R/W)
Width: Byte
Special (vendor-defined) configuration options.
Table 4-3. Standard Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com