Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 10Page - National Semiconductor (TI) SC1100 Datasheet HTML 11Page - National Semiconductor (TI) SC1100 Datasheet HTML 12Page - National Semiconductor (TI) SC1100 Datasheet HTML 13Page - National Semiconductor (TI) SC1100 Datasheet HTML 14Page - National Semiconductor (TI) SC1100 Datasheet HTML 15Page - National Semiconductor (TI) SC1100 Datasheet HTML 16Page - National Semiconductor (TI) SC1100 Datasheet HTML 17Page - National Semiconductor (TI) SC1100 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 348 page
background image
www.national.com
14
Revision 1.1
Architecture Overview (Continued)
1.2
CORE LOGIC MODULE
The Core Logic module is described in detail in Section 5.0
"Core Logic Module" on page 116.
The Core Logic module is connected to the Fast-PCI bus. It
uses signal AD28 as the IDSEL for all PCI configuration
functions except for USB which uses AD29.
1.2.1
Other Interfaces of the Core Logic Module
All the following interfaces of the Core Logic module are
implemented via external pins of the SC1100. Each inter-
face is listed below with a reference to the descriptions of
the relevant pins.
• IDE: See Section 2.4.7 "IDE Interface Signals" on page
42.
• AC97: See Section 2.4.10 "AC97 Audio Interface
Signals" on page 44.
• PCI: See Section 2.4.4 "PCI Bus Interface Signals" on
page 38.
• USB: See Section 2.4.8 "Universal Serial Bus (USB)
Interface Signals" on page 43. The USB function uses
signal AD29 as the IDSEL for PCI configuration.
• LPC: See Section 2.4.6 "Low Pin Count (LPC) Bus Inter-
face Signals" on page 42.
• Sub-ISA: See Section 2.4.5 "Sub-ISA Interface Signals"
on page 41, Section 5.2.5 "Sub-ISA Bus Interface" on
page 122, and Section 3.2 "Multiplexing, Interrupt Selec-
tion, and Base Address Registers" on page 50.
• GPIO: See Section 2.4.12 "GPIO Interface Signals" on
page 45.
• More detailed information about each of these interfaces
is provided in Section 5.2 "Module Architecture and
Configuration" on page 117.
• Super/IO Block Interfaces: See Section 3.2 "Multi-
plexing, Interrupt Selection, and Base Address Regis-
ters" on page 50, Section 2.4.3 "ACCESS.bus Interface
Signals" on page 38, Section 2.4.9 "Serial Port (UART)
and Infrared (IR) Interface Signals" on page 43.
The Core Logic module interface to the GX1 module con-
sists of seven miscellaneous connections, and the Fast-
PCI bus interface signals. Note that the PC/AT legacy pins
NMI, WM_RST, and A20M are all virtual functions exe-
cuted in SMM (System Management Mode) by the BIOS.
• PSERIAL is a one-way serial bus from the GX1 to the
Core Logic module used to communicate power
management states.
• IRQ13 is an input from the processor indicating that a
floating point error was detected and that INTR should
be asserted.
• INTR is the level output from the integrated 8259A PICs
and is asserted if an unmasked interrupt request (IRQn)
is sampled active.
• SMI# is a level-sensitive interrupt to the GX1 that can be
configured to assert on a number of different system
events. After an SMI# assertion, SMM is entered and
program execution begins at the base of the SMM
address space. Once asserted, SMI# remains active
until the SMI source is cleared.
• SUSP# and SUSPA# are handshake pins for imple-
menting GX1 module Clock Stop and clock throttling.
• CPU_RST resets the GX1 module and is asserted for
approximately 100 µs after the negation of POR#.
• Fast-PCI bus interface signals.
1.3
SUPERI/O MODULE
The SuperI/O (SIO) module is a member of National Semi-
conductor’s SuperI/O family of integrated PC peripherals. It
is a PC98 and ACPI compliant SIO that offers a single-cell
solution to the most commonly used ISA peripherals.
The SIO module incorporates: a Serial Port, an Infrared
Communication Port that supports FIR, MIR, HP-SIR,
Sharp-IR, and Consumer Electronics-IR, two ACCESS.bus
Interface (ACB) ports, System Wakeup Control (SWC), and
a Real-Time Clock (RTC) that provides RTC timekeeping.
1.4
CLOCK, TIMERS, AND RESET LOGIC
In addition to the three main modules (i.e., GX1, Core
Logic, and SIO) that make up the SC1100, the following
blocks of logic have also been integrated into the SC1100:
• Clock Generators as described in Section 3.5 "Clock
Generators and PLLs" on page 59.
• Configuration Registers as described in Section 3.2
"Multiplexing, Interrupt Selection, and Base Address
Registers" on page 50.
• A WATCHDOG timer as described in Section 3.3
"WATCHDOG" on page 55.
• A High Resolution timer as described in Section 3.4
"High-Resolution Timer" on page 57.
1.4.1
Reset Logic
This section provides a description of the reset flow of the
SC1100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com