Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 65Page - National Semiconductor (TI) SC1100 Datasheet HTML 66Page - National Semiconductor (TI) SC1100 Datasheet HTML 67Page - National Semiconductor (TI) SC1100 Datasheet HTML 68Page - National Semiconductor (TI) SC1100 Datasheet HTML 69Page - National Semiconductor (TI) SC1100 Datasheet HTML 70Page - National Semiconductor (TI) SC1100 Datasheet HTML 71Page - National Semiconductor (TI) SC1100 Datasheet HTML 72Page - National Semiconductor (TI) SC1100 Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 348 page
background image
Revision 1.1
69
www.national.com
SuperI/O Module (Continued)
Write accesses to unimplemented registers (i.e., accessing
the Data register while the Index register points to a non-
existing register or the LDN is higher than 08h), are ignored
and a read returns 00h on all addresses except for 74h and
75h (DMA configuration registers) which returns 04h (indi-
cating no DMA channel is active). The configuration regis-
ters are accessible immediately after reset.
4.3.3
Default Configuration Setup
The device has four reset types:
Software Reset
This reset is generated by bit 1 of the SIOCF1 register,
which resets all logical devices. A software reset also
resets most bits in the SIO Configuration and Control regis-
ters (see Section 4.4.1 on page 73 for the bits not affected).
This reset does not affect register bits that are locked for
write access.
Hardware Reset
This reset is activated by the system reset signal. This
resets all logical devices, with the exception of the RTC and
the SWC, and all SIO Configuration and Control registers,
with the exception of the SIOCF2 register. It also resets all
SIO Control and Configuration registers, except for those
that are battery-backed.
VPP Power-Up Reset
This reset is activated when either VSB or VBAT is powered
on after both have been off. VPP is an internal voltage
which is a combination of VSB and VBAT. VPP is taken from
VSB if VSB is greater than the minimum (Min) value defined
in Section 7.1.3 "Operating Conditions" on page 281; oth-
erwise, VBAT is used as the VPP source. This reset resets
all registers whose values are retained by VPP.
VSB Power-Up Reset
This is an internally generated reset that resets the SWC,
excluding those SWC registers whose values are retained
by VPP. This reset is activated after VSB is powered up.
The SIO module wakes up with the default setup, as fol-
lows:
• When a hardware reset occurs:
— The configuration base address is 2Eh, 15Ch or
None, according to the IO_SIOCFG_IN bit values, as
shown in Table 4-1 on page 68.
— All Logical devices are disabled, with the exception of
the RTC and the SWC, which remains functional but
whose registers cannot be accessed.
• When either a hardware or a software reset occurs:
— The legacy devices are assigned with their legacy
system resource allocation.
— The National proprietary functions are not assigned
with any default resources and the default values of
their base addresses are all 00h.
4.3.4
Address Decoding
A full 16-bit address decoding is applied when accessing
the configuration I/O space, as well as the registers of the
functional blocks. However, the number of configurable bits in
the base address registers vary for each device.
The lower 1, 2, 3 or 4 address bits are decoded within the
functional block to determine the offset of the accessed
register, within the device’s I/O range of 2, 4, 8 or 16 bytes,
respectively. The rest of the bits are matched with the base
address register to decode the entire I/O range allocated to
the device. Therefore the lower bits of the base address
register are forced to 0 (RO), and the base address is
forced to be 2, 4, 8 or 16 byte aligned, according to the size
of the I/O range.
The base address of the RTC, Serial Port, and the Infrared
Communication Port are limited to the I/O address range of
00h to 7Fxh only (bits [15:11] are forced to 0).The
addresses of the non-legacy devices are configurable
within the full 16-bit address range (up to FFFxh).
In some special cases, other address bits are used for
internal decoding. For more details, please see the detailed
description of the base address register for each specific
logical device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com