Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 34Page - National Semiconductor (TI) SC1100 Datasheet HTML 35Page - National Semiconductor (TI) SC1100 Datasheet HTML 36Page - National Semiconductor (TI) SC1100 Datasheet HTML 37Page - National Semiconductor (TI) SC1100 Datasheet HTML 38Page - National Semiconductor (TI) SC1100 Datasheet HTML 39Page - National Semiconductor (TI) SC1100 Datasheet HTML 40Page - National Semiconductor (TI) SC1100 Datasheet HTML 41Page - National Semiconductor (TI) SC1100 Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 348 page
background image
www.national.com
38
Revision 1.1
Signal Definitions (Continued)
SDCLK3
A17
O
SDRAM Clocks. SDRAM uses these clocks to sample
all control, address, and data lines. To ensure that the
Suspend mode functions correctly, SDCLK3 and
SDCLK1 should be used with CS1#. SDCLK2 and
SDCLK0 should be used together with CS0#.
---
SDCLK2
A16
---
SDCLK1
C5
---
SDCLK0
E4
---
SDCLK_IN
D4
I
SDRAM Clock Input. The SC1100 samples the memory
read data on this clock. Works in conjunction with the
SDCLK_OUT signal.
---
SDCLK_OUT
C4
O
SDRAM Clock Output. This output is routed back to
SDCLK_IN. The board designer should vary the length of
the board trace to control skew between SDCLK_IN and
SDCLK.
---
2.4.3
ACCESS.bus Interface Signals
Signal Name
Ball No.
Type
Description
Mux
AB1C
Y1
I/O
ACCESS.bus 1 Serial Clock. This is the serial clock for
the interface.
F_AD1
AB1D
Y2
I/O
ACCESS.bus 1 Serial Data. This is the bidirectional
serial data signal for the interface.
F_AD2
AB2C
AE23
I/O
ACCESS.bus 2 Serial Clock. This is the serial clock for
the interface.
GPIO12+F_AD3
AB2D
AD23
I/O
ACCESS.bus 2 Serial Data. This is the bidirectional
serial data signal for the interface.
GPIO13+F_AD4
2.4.4
PCI Bus Interface Signals
Signal Name
Ball No.
Type
Description
Mux
PCICLK
AA23
I
PCI Clock. PCICLK provides timing for all transactions
on the PCI bus. All other PCI signals are sampled on the
rising edge of PCICLK, and all timing parameters are
defined with respect to this edge.
---
PCICLKO
AB25
O
PCI Clock Output. Provides a clock for the system at 33
MHz. This clock is asynchronous to PCI signals. It should
be connected to a low skew buffer with multiple outputs,
of which one is connected to the PCICLK input. All PCI
clock users in the system (including PCICLK) should
receive the clock with as low a skew as possible.
Note:
Only a CMOS load should be connected to this
signal.
FPCI_MON
(Strap)
AD[31:24]
See
Table 2-3
on page
27
I/O
Multiplexed Address and Data. A bus transaction con-
sists of an address phase in the cycle in which FRAME#
is asserted followed by one or more data phases. During
the address phase, AD[31:0] contain a physical 32-bit
address. For I/O, this is a byte address. For configuration
and memory, it is a DWORD address. During data
phases, AD[7:0] contain the least significant byte (LSB)
and AD[31:24] contain the most significant byte (MSB).
D[7:0]
AD[23:0]
A[23:0]
2.4.2
Memory Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com