Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 64Page - National Semiconductor (TI) SC1100 Datasheet HTML 65Page - National Semiconductor (TI) SC1100 Datasheet HTML 66Page - National Semiconductor (TI) SC1100 Datasheet HTML 67Page - National Semiconductor (TI) SC1100 Datasheet HTML 68Page - National Semiconductor (TI) SC1100 Datasheet HTML 69Page - National Semiconductor (TI) SC1100 Datasheet HTML 70Page - National Semiconductor (TI) SC1100 Datasheet HTML 71Page - National Semiconductor (TI) SC1100 Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 348 page
background image
www.national.com
68
Revision 1.1
SuperI/O Module (Continued)
4.3
CONFIGURATION STRUCTURE / ACCESS
This section describes the structure of the configuration
register file, and the method of accessing the configuration
registers.
4.3.1
Index-Data Register Pair
The SIO configuration access is performed via an Index-
Data register pair, using only two system I/O byte locations.
The base address of this register pair is determined
according to the state of the IO_SIOCFG_IN bit field of the
Core Logic module (F5BAR0+I/O Offset 00h[26:25]). Table
4-1 shows the selected base addresses as a function of the
IO_SIOCFG_IN bit field.
The Index register is an 8-bit R/W register located at the
selected base address (Base+0). It is used as a pointer to
the configuration register file, and holds the index of the
configuration register that is currently accessible via the
Data register. Reading the Index register returns the last
value written to it (or the default of 00h after reset).
The Data register is an 8-bit virtual register, used as a data
path to any configuration register. Accessing the data reg-
ister results with physically accessing the configuration reg-
ister that is currently pointed by the Index register.
4.3.2
Banked Logical Device Registers
Each functional block is associated with a Logical Device
Number (LDN). The configuration registers are grouped
into banks, where each bank holds the standard configura-
tion registers of the corresponding logical device. Table 4-2
shows the LDNs of the device functional blocks.
Figure 4-3 shows the structure of the standard PnP config-
uration register file. The SIO Control and Configuration reg-
isters are not banked and are accessed by the Index-Data
register pair only (as described above). However, the Logi-
cal Device Control and Configuration registers are dupli-
cated over four banks for four logical devices. Therefore,
accessing a specific register in a specific bank is performed
by two-dimensional indexing, where the LDN register
selects the bank (or logical device), and the Index register
selects the register within the bank. Accessing the Data
register while the Index register holds a value of 30h or
higher results in a physical access to the Logical Device
Configuration registers currently pointed to by the Index
register, within the logical device bank currently selected by
the LDN register.
Figure 4-3. Structure of the Standard
Configuration Register File
Table 4-1. SIO Configuration Options
IO_SIOCFG_IN
Settings
I/O Address
Description
Index
Register
Data
Register
00
-
-
SIO disabled
01
-
-
Configuration
access disabled
10
002Eh
002Fh
Base address 1
selected
11
015Ch
015Dh
Base address 2
selected
Table 4-2. LDN Assignments
LDN
Functional Block
00h
Real Time Clock (RTC)
01h
System Wakeup Control (SWC)
02h
Infrared Communication Port (IRCP)
05h
ACCESS.bus 1 (ACB1)
06h
ACCESS.bus 2 (ACB2)
08h
Serial Port
07h
20h
30h
60h
75h
FEh
Logical Device Number Register
SIO Configuration Registers
Logical Device Control Register
Standard Logical Device
Banks
(One per Logical Device)
2Fh
F0h
Bank
63h
74h
70h
71h
Standard Registers
Special (Vendor-defined)
Configuration Registers
Logical Device
Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com