Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 60Page - National Semiconductor (TI) SC1100 Datasheet HTML 61Page - National Semiconductor (TI) SC1100 Datasheet HTML 62Page - National Semiconductor (TI) SC1100 Datasheet HTML 63Page - National Semiconductor (TI) SC1100 Datasheet HTML 64Page - National Semiconductor (TI) SC1100 Datasheet HTML 65Page - National Semiconductor (TI) SC1100 Datasheet HTML 66Page - National Semiconductor (TI) SC1100 Datasheet HTML 67Page - National Semiconductor (TI) SC1100 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 348 page
background image
www.national.com
64
Revision 1.1
General Configuration Block (Continued)
Offset: 1Eh
Core Clock Frequency Control Register - CCFC (R/W)
Reset Value: Strapped Value
Width: WORD
This register controls the configuration of the core clock multiplier and the reference clocks.
15:14
Reserved. Write as read.
13
Reserved. Must be cleared to 0.
12
Reserved. Must be cleared to 0.
11:10
Reserved. Write as read.
9:8
FPCICK (Internal Fast-PCI Clock). (Read Only) Reflects the internal Fast-PCI clock and is the input to the GX1 module
that is used to generate the core clock. These bits reflect the value of strap pins CLKSEL[1:0] (balls D23, AD25).
00: 33.3 MHz
01: Reserved
10: 66.7 MHz
11: 33.3 MHz
7:4
Reserved. Write as read.
3:0
MVAL (Multiplier Value). This 4-bit value controls the multiplier in ADL. The value is set according to the Maximum Clock
Multiplier bits of the MCCM register (Offset 10h). The multiplier value should never be written with a multiplier which is differ-
ent from the multiplier indicated in the MCCM register.
0100: Multiply by 4
0111: Multiply by 7
1000: Multiply by 8
Other: Reserved
Table 3-8. Clock Generator Configuration (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com