Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 56Page - National Semiconductor (TI) SC1100 Datasheet HTML 57Page - National Semiconductor (TI) SC1100 Datasheet HTML 58Page - National Semiconductor (TI) SC1100 Datasheet HTML 59Page - National Semiconductor (TI) SC1100 Datasheet HTML 60Page - National Semiconductor (TI) SC1100 Datasheet HTML 61Page - National Semiconductor (TI) SC1100 Datasheet HTML 62Page - National Semiconductor (TI) SC1100 Datasheet HTML 63Page - National Semiconductor (TI) SC1100 Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 348 page
background image
www.national.com
60
Revision 1.1
General Configuration Block (Continued)
3.5.1
27 MHz Crystal Oscillator
The internal oscillator employs an external crystal con-
nected to the on-chip amplifier. The on-chip amplifier is
accessible on the X27I input (ball AF10) and the X27O out-
put (ball AE10) signals. See Figure 3-3 for the recom-
mended external circuit and Table 3-5 for a list of the circuit
components.
Choose C1 and C2 capacitors to match the crystal’s load
capacitance. The load capacitance CL “seen” by crystal Y
is comprised of C1 in series with C2 and in parallel with the
parasitic capacitance of the circuit. The parasitic capaci-
tance is caused by the chip package, board layout and
socket (if any), and can vary from 0 to 10 pF. The rule of
thumb in choosing these capacitors is:
CL = (C1 * C2) / (C1 + C2) + CPARASITIC
Example 1:
Crystal CL = 10 pF, CPARASITIC = 8.2 pF
C1 = 3.6 pF, C2 = 3.6 pF
Example 2:
Crystal CL = 20 pF, CPARASITIC = 8 pF
C1 = 24 pF, C2 = 24 pF
Figure 3-3. Recommended Oscillator External
Circuitry
Internal
External
R2
X27I
X27O
C1
C2
R1
Y
To other
modules
Table 3-5. Crystal Oscillator Circuit Components
Component
Parameters
Values
Tolerance
Crystal
Resonance Frequency
27.00 MHz Parallel Mode
50 PPM or better
Type
AT-Cut or BT-cut
Serial Resistance
40
Ω
Max
Shunt Capacitance
7 pF
Max
Load Capacitance, CL
10-20 pF
Temperature Coefficient
User-defined
Resistor R1
Resistance
20 M
Ω
5%
Resistor R2
1
Resistance
100
Ω
5%
Capacitor C1
1
Capacitance
3-24 pF
5%
Capacitor C2
1
Capacitance
3-24 pF
5%
1.
The value of these components is recommended. It should be tuned according to crystal and board parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com