Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 38Page - National Semiconductor (TI) SC1100 Datasheet HTML 39Page - National Semiconductor (TI) SC1100 Datasheet HTML 40Page - National Semiconductor (TI) SC1100 Datasheet HTML 41Page - National Semiconductor (TI) SC1100 Datasheet HTML 42Page - National Semiconductor (TI) SC1100 Datasheet HTML 43Page - National Semiconductor (TI) SC1100 Datasheet HTML 44Page - National Semiconductor (TI) SC1100 Datasheet HTML 45Page - National Semiconductor (TI) SC1100 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 348 page
background image
www.national.com
42
Revision 1.1
Signal Definitions (Continued)
2.4.6
Low Pin Count (LPC) Bus Interface Signals
Signal Name
Ball No.
Type
Description
Mux
LAD[3:0]
C25,
D26,
D25, E26
I/O
LPC Address-Data. Multiplexed command, address,
bidirectional data, and cycle status.
GPIO[35:32]
LDRQ#
C26
I
LPC DMA Request. Encoded DMA request for LPC
interface.
GPIO36
LFRAME#
B24
O
LPC Frame. A low pulse indicates the beginning of a
new LPC cycle or termination of a broken cycle.
GPIO37
SERIRQ
A24
I/O
Serial IRQ. The interrupt requests are serialized over a
single signal, where each IRQ level is delivered during a
designated time slot.
GPIO39
2.4.7
IDE Interface Signals
Signal Name
Ball No.
Type
Description
Mux
IDE_RST#
AD6
O
IDE Reset. This signal resets all the devices that are
attached to the IDE interface.
---
IDE_ADDR[2:0]
Y3, AA3,
AA4
O
IDE Address Bits. These address bits are used to
access a register or data port in a device on the IDE bus.
---
IDE_DATA[15:0]
See
Table 2-3
on page
27
I/O
IDE Data Lines. IDE_DATA[15:0] transfers data to/from
the IDE devices.
---
IDE_IOR0#
AC1
O
IDE I/O Read Channels 0 and 1. IDE_IOR0# is the read
signal for Channel 0 and IDE_IOR1# is the read signal
for Channel 1. Each signal is asserted at read accesses
to the corresponding IDE port addresses.
---
IDE_IOR1#
AD12
O
GPIO6+DTR#/
BOUT+INTR_O
IDE_IOW0#
AC2
O
IDE I/O Write Channels 0 and 1. IDE_IOW0# is the
write signal for Channel 0. IDE_IOW1# is the write signal
for Channel 1. Each signal is asserted at write accesses
to corresponding IDE port addresses.
---
IDE_IOW1#
AE12
O
GPIO9+DCD#+F
_IRDY#
IDE_CS0#
AA2
O
IDE Chip Selects 0 and 1. These signals are used to
select the command block registers in an IDE device.
---
IDE_CS1#
AA1
O
---
IDE_IORDY0
AB2
I
I/O Ready Channels 0 and 1. When deasserted, these
signals extend the transfer cycle of any host register
access if the required device is not ready to respond to
the data transfer request.
---
IDE_IORDY1
AF12
I
GPIO10+DSR#+
F_FRAME#
IDE_DREQ0
AB3
I
DMA Request Channels 0 and 1. The IDE_DREQ sig-
nals are used to request a DMA transfer from the
SC1100. The direction of transfer is determined by the
IDE_IOR#/IOW# signals.
---
IDE_DREQ1
AC12
I
GPIO8+CTS#
+SMI_O
IDE_DACK0#
AB1
O
DMA Acknowledge Channels 0 and 1. The
IDE_DACK# signals acknowledge the DREQ request to
initiate DMA transfers.
---
IDE_DACK1#
AF11
O
GPIO7+RTS#
F_C/BE3#
IRQ14
AC6
I
Interrupt Request Channels 0 and 1. These input sig-
nals are edge-sensitive interrupts that indicate when the
IDE device is requesting a CPU interrupt service.
---
IRQ15
AF19
I
GPIO11+RI#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com