Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 88 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 88 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 84Page - National Semiconductor (TI) SC1100 Datasheet HTML 85Page - National Semiconductor (TI) SC1100 Datasheet HTML 86Page - National Semiconductor (TI) SC1100 Datasheet HTML 87Page - National Semiconductor (TI) SC1100 Datasheet HTML 88Page - National Semiconductor (TI) SC1100 Datasheet HTML 89Page - National Semiconductor (TI) SC1100 Datasheet HTML 90Page - National Semiconductor (TI) SC1100 Datasheet HTML 91Page - National Semiconductor (TI) SC1100 Datasheet HTML 92Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 348 page
background image
www.national.com
88
Revision 1.1
SuperI/O Module (Continued)
Index 0Bh
RTC Control Register B - CRB (R/W)
Reset Type: Bit Specific
Width: Byte
7
Set Mode. This bit is reset at VPP power-up reset only.
0: Timing updates occur normally.
1: User copy of time is “frozen”, allowing the time registers to be accessed whether or not an update occurs.
6
Periodic Interrupt. Bits [3:0] of the CRA register determine the rate at which this interrupt is generated. It is cleared to 0 on
RTC reset (i.e., hardware or software reset) or when RTC is disable.
0: Disable.
1: Enable.
5
Alarm Interrupt. This interrupt is generated immediately after a time update in which the seconds, minutes, hours, date and
month time equal their respective alarm counterparts. It is cleared to 0 as long as bit 7 of the CRD register reads 0.
0: Disable.
1: Enable.
4
Update Ended Interrupt. This interrupt is generated when an update occurs. It is cleared to 0 on RTC reset (i.e., hardware
or software reset) or when the RTC is disable.
0: Disable.
1: Enable.
3
Reserved. This bit is defined as “Square Wave Enable” by the MC146818 and is not supported by the RTC. This bit is
always read as 0.
2
Data Mode. This bit is reset at VPP power-up reset only.
0: Enable BCD format.
1: Enable Binary format.
1
Hour Mode. This bit is reset at VPP power-up reset only.
0: Enable 12-hour format.
1: Enable 24-hour format.
0
Daylight Saving. This bit is reset at VPP power-up reset only.
0: Disable.
1: Enable:
- In the spring, time advances from1:59:59 AM to 3:00:00 AM on the first Sunday in April.
- In the fall, time returns from 1:59:59 AM to 1:00:00 AM on the last Sunday in October.
Index 0Ch
RTC Control Register C - CRC (RO)
Reset Type: Bit Specific
Width: Byte
7
IRQ Flag. Mirrors the value on the interrupt output signal. When interrupt is active, IRQF is 1. To clear this bit (and deacti-
vate the interrupt pin), read the CRC register as the flag bits UF, AF and PF are cleared after reading this register.
0: IRQ inactive.
1: Logic equation is true: ((UIE and UF) or (AIE and AF) or (PIE and PF)).
6
Periodic Interrupt Flag. Cleared to 0 on RTC reset (i.e., hardware or software reset) or the RTC disabled. In addition, this
bit is cleared to 0 when this register is read.
0: No transition occurred on the selected tap since the last read.
1: Transition occurred on the selected tap of the divider chain.
5
Alarm Interrupt Flag. Cleared to 0 as long as bit 7 of the CRD register reads 0. In addition, this bit is cleared to 0 when this
register is read.
0: No alarm detected since the last read.
1: Alarm condition detected.
4
Update Ended Interrupt Flag. Cleared to 0 on RTC reset (i.e., hardware or software reset) or the RTC disabled. In addition,
this bit is cleared to 0 when this register is read.
0: No update occurred since the last read.
1: Time registers updated.
3:0
Reserved.
Table 4-18. RTC Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com