Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 97 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 97 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 93Page - National Semiconductor (TI) SC1100 Datasheet HTML 94Page - National Semiconductor (TI) SC1100 Datasheet HTML 95Page - National Semiconductor (TI) SC1100 Datasheet HTML 96Page - National Semiconductor (TI) SC1100 Datasheet HTML 97Page - National Semiconductor (TI) SC1100 Datasheet HTML 98Page - National Semiconductor (TI) SC1100 Datasheet HTML 99Page - National Semiconductor (TI) SC1100 Datasheet HTML 100Page - National Semiconductor (TI) SC1100 Datasheet HTML 101Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 348 page
background image
Revision 1.1
97
www.national.com
SuperI/O Module (Continued)
4.7
ACCESS.BUS INTERFACE
The SC1100 has two ACCESS.bus (ACB) controllers. ACB
is a two-wire synchronous serial interface compatible with
the ACCESS.bus physical layer, Intel's SMBus, and Phil-
ips’ I2C. The ACB can be configured as a bus master or
slave, and can maintain bidirectional communication with
both multiple master and slave devices. As a slave device,
the ACB may issue a request to become the bus master.
The ACB allows easy interfacing to a wide range of low-
cost memories and I/O devices, including: EEPROMs,
SRAMs, timers, ADC, DAC, clock chips and peripheral
drivers.
The ACCESS.bus protocol uses a two-wire interface for
bidirectional communication between the ICs connected to
the bus. The two interface lines are the Serial Data Line
(AB1D and AB2D) and the Serial Clock Line (AB1C and
AB2C). (Here after referred to as ABD and ABC unless oth-
erwise specified.)These lines should be connected to a
positive supply via an internal or external pull-up resistor,
and remain high even when the bus is idle.
Each IC has a unique address and can operate as a trans-
mitter or a receiver (though some peripherals are only
receivers).
During data transactions, the master device initiates the
transaction, generates the clock signal and terminates the
transaction. For example, when the ACB initiates a data
transaction with an attached ACCESS.bus compliant
peripheral, the ACB becomes the master. When the
peripheral responds and transmits data to the ACB, their
master/slave (data transaction initiator and clock genera-
tor) relationship is unchanged, even though their transmit-
ter/receiver functions are reversed.
This section describes the general ACB functional block. A
device may include a different implementation. For device
specific implementation, see Section 4.4.2.4 "LDN 05h and
06h - ACCESS.bus Ports 1 and 2" on page 78.
4.7.1
Data Transactions
One data bit is transferred during each clock pulse. Data is
sampled during the high state of the serial clock (ABC).
Consequently, throughout the clock’s high period, the data
should remain stable (see Figure 4-13). Any changes on
the ABD line during the high state of the ABC and in the
middle of a transaction aborts the current transaction. New
data should be sent during the low ABC state. This protocol
permits a single data line to transfer both command/control
information and data, using the synchronous serial clock.
Each data transaction is composed of a Start Condition, a
number of byte transfers (set by the software) and a Stop
Condition to terminate the transaction. Each byte is trans-
ferred with the most significant bit first, and after each byte
(8 bits), an Acknowledge signal must follow. The following
sections provide further details of this process.
During each clock cycle, the slave can stall the master
while it handles the previous data or prepares new data.
This can be done for each bit transferred, or on a byte
boundary, by the slave holding ABC low to extend the
clock-low period. Typically, slaves extend the first clock
cycle of a transfer if a byte read has not yet been stored, or
if the next byte to be transmitted is not yet ready. Some
microcontrollers,
with
limited
hardware
support
for
ACCESS.bus, extend the access after each bit, thus allow-
ing the software to handle this bit.
Figure 4-13. Bit Transfer
4.7.2
Start and Stop Conditions
The ACCESS.bus master generates Start and Stop Condi-
tions (control codes). After a Start Condition is generated,
the bus is considered busy and retains this status for a cer-
tain time after a Stop Condition is generated. A high-to-low
transition of the data line (ABD) while the clock (ABC) is
high indicates a Start Condition. A low-to-high transition of
the ABD line while the ABC is high indicates a Stop Condi-
tion (Figure 4-14).
In addition to the first Start Condition, a repeated Start
Condition can be generated in the middle of a transaction.
This allows another device to be accessed, or a change in
the direction of data transfer.
Figure 4-14. Start and Stop Conditions
ABD
ABC
Data Line
Stable:
Data Valid
Change
of Data
Allowed
ABD
ABC
S
P
Start
Condition
Stop
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com