Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 42Page - National Semiconductor (TI) SC1100 Datasheet HTML 43Page - National Semiconductor (TI) SC1100 Datasheet HTML 44Page - National Semiconductor (TI) SC1100 Datasheet HTML 45Page - National Semiconductor (TI) SC1100 Datasheet HTML 46Page - National Semiconductor (TI) SC1100 Datasheet HTML 47Page - National Semiconductor (TI) SC1100 Datasheet HTML 48Page - National Semiconductor (TI) SC1100 Datasheet HTML 49Page - National Semiconductor (TI) SC1100 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 348 page
background image
www.national.com
46
Revision 1.1
Signal Definitions (Continued)
GPIO32
E26
I/O
GPIO Port 1. Same as Port 0.
A debouncer and an interrupt can be
enabled or masked for each of signals
GPIO[32:41] and GPIO47 indepen-
dently.
LAD0
GPIO33
D25
LAD1
GPIO34
D26
LAD2
GPIO35
C25
LAD3
GPIO36
C26
LDRQ#
GPIO37
B24
LFRAME#
GPIO38
AB23
F_AD5
GPIO39
A24
SERIRQ
GPIO40
B20
SDTEST5+F_AD6
GPIO41
AA24
TEST0+F_C/BE0#
GPIO47
AB24
F_AD7
2.4.13 Debug Monitoring Interface Signals
Signal Name
Ball No.
Type
Description
Mux
FPCICLK
AD24
O
Fast-PCI Bus Monitoring Signals.
When enabled, this group of signals
provides monitoring of the internal
Fast-PCI bus for debug purposes. To
enable, pull up FPCI_MON (ball
AB25).
GPIO1
F_AD7
AB24
O
GPIO47
F_AD6
B20
O
GPIO40+SDTEST5#
F_AD5
AB23
O
GPIO38
F_AD4
AD23
O
AB2D+F_AD4
F_AD3
AE23
O
AB2C+F_AD3
F_AD2
Y2
O
AB1D
F_AD1
Y1
O
AB1C
F_AD0
AC24
O
GPIO18
F_C/BE3#
AF11
O
GPIO7+RTS#+IDE_DACK1#
F_C/BE2#
AE11
O
SOUT
F_C/BE1#
AD11
O
SIN
F_C/BE0#
AA24
O
GPIO41+TEST0
F_FRAME#
AF12
O
GPIO10+DSR#+IDE_IORDY1
F_IRDY#
AE12
O
GPIO9+DCD#+IDE_IOW1#
F_STOP#
AF23
O
AC97_RST#
F_DEVSEL#
AE18
O
GPIO16+PC_BEEP+IRRX1
F_GNT0#
AF22
O
SDATA_IN
F_TRDY#
AC22
O
BIT_CLK
INTR_O
AD12
O
CPU Core Interrupt. When enabled,
this signal provides for monitoring of
the internal GX1 core INTR signal for
debug purposes. To enable, pull up
FPCI_MON (ball AB25).
GPIO6+DTR#/BOUT+IDE_IOR1#
2.4.12 GPIO Interface Signals
Name
Ball No.
Type
Description
Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com