Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 49Page - National Semiconductor (TI) SC1100 Datasheet HTML 50Page - National Semiconductor (TI) SC1100 Datasheet HTML 51Page - National Semiconductor (TI) SC1100 Datasheet HTML 52Page - National Semiconductor (TI) SC1100 Datasheet HTML 53Page - National Semiconductor (TI) SC1100 Datasheet HTML 54Page - National Semiconductor (TI) SC1100 Datasheet HTML 55Page - National Semiconductor (TI) SC1100 Datasheet HTML 56Page - National Semiconductor (TI) SC1100 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 348 page
background image
Revision 1.1
53
www.national.com
General Configuration Block (Continued)
Offset 34h
Miscellaneous Configuration Register - MCR (R/W)
Reset Value: 0000001h
Width: DWORD
Power-on reset value: The BOOT16 strap pin selects "Enable 16-Bit Wide Boot Memory".
31
Reserved. Always write 0.
30
FPCI_MON (Ball AB25) Strap Status. (Read Only) Represents the value of the strap that is latched after power-on reset.
Indicates if Fast-PCI monitoring output signals are enabled via strapping option.
0: Disable (FPCI_MON = 0).
1: Enable (FPCI_MON = 1).
In addition to the strapping option, Fast-PCI monitoring output signals can also be enabled via PMR[27]. See PMR[27] bit
description for a list of signals that are enabled when either option is used.
29:16
Reserved. Always write 0.
15
F5B5_16 (Enable 16-Bit Wide F5BAR5CS# Access). Enables the 16-line access to F5BAR5CS# in the Sub-ISA interface.
0: 8-bit wide F5BAR5CS# access is used.
1: 16-bit wide F5BAR5CS# access is used.
14
IBUS16 (Invert BUS16). This bit inverts the meaning of MCR[3] (bit 3 of this register).
0: BUS16 is as described for MCR[3].
1: BUS16 meaning is inverted: if MCR[3] = 0, ROMCS# access is 16 bits wide; if MCR[3] = 1, ROMCS# access is 8 bits
wide.
13
F5B4ZWS (Enable ZWS for F5BAR4CS# Access). Enables internal activation of ZWS# (Zero Wait States) control for
F5BAR4CS# access.
0: ZWS is not active for F5BAR4CS# access.
1: ZWS is active for F5BAR4CS# access.
12
IO1ZWS (Enable ZWS# for IOCS1# Access). Enables internal activation of ZWS# (Zero Wait States) control for IOCS1#
access.
0: ZWS# is not active for IOCS1# access.
1: ZWS# is active for IOCS1# access.
11
IO0ZWS (Enable ZWS# for IOCS0# Access). Enables internal activation of ZWS# (Zero Wait States) control for IOCS0#
access.
0: ZWS# is not active for IOCS0# access.
1: ZWS# is active for IOCS0# access.
10
DOCZWS (Enable ZWS# for DOCCS# Access). Enables internal activation of ZWS# (Zero Wait States) control for
DOCCS# access.
0: ZWS# is not active for DOCCS# access.
1: ZWS# is active for DOCCS# access.
9
ROMZWS (Enable ZWS# for ROMCS# Access). Enables internal activation of ZWS# (Zero Wait States) control for
ROMCS# access.
0: ZWS# is not active for ROMCS# access.
1: ZWS# is active for ROMCS# access.
8
IO1_16 (Enable 16-Bit Wide IOCS1# Access). Enables the16-line access to IOCS1# in the Sub-ISA interface.
0: 8-bit wide IOCS1# access is used.
1: 16-bit wide IOCS1# access is used.
7
IO0_16 (Enable 16-Bit Wide IOCS0# Access). Enables the 16-line access to IOCS0# in the Sub-ISA interface.
0: 8-bit wide IOCS0# access is used.
1: 16-bit wide IOCS0# access is used.
6
DOC16 (Enable 16-Bit Wide DOCCS# Access). Enables the 16-line access to DOCCS# in the Sub-ISA interface.
0: 8-bit wide DOCCS# access is used.
1: 16-bit wide DOCCS# access is used.
5
F5B4_16 (Enable 16-Bit Wide F5BAR4CS# Access). Enables the 16-line access to F5BAR4CS# in the Sub-ISA interface.
0: 8-bit wide F5BAR4CS# access is used.
1: 16-bit wide F5BAR4CS# access is used.
Table 3-2. Multiplexing, Interrupt Selection, and Base Address Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com