Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 63Page - National Semiconductor (TI) SC1100 Datasheet HTML 64Page - National Semiconductor (TI) SC1100 Datasheet HTML 65Page - National Semiconductor (TI) SC1100 Datasheet HTML 66Page - National Semiconductor (TI) SC1100 Datasheet HTML 67Page - National Semiconductor (TI) SC1100 Datasheet HTML 68Page - National Semiconductor (TI) SC1100 Datasheet HTML 69Page - National Semiconductor (TI) SC1100 Datasheet HTML 70Page - National Semiconductor (TI) SC1100 Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 348 page
background image
Revision 1.1
67
www.national.com
SuperI/O Module (Continued)
4.2
MODULE ARCHITECTURE
The SIO module comprises a collection of generic func-
tional blocks. Each functional block is described in detail
later in this chapter. The beginning of this chapter
describes the SIO structure and provides all device specific
information, including special implementation of generic
blocks, system interface, and device configuration.
The SIO module is based on six logical devices, the host
interface, and a central configuration register set, all built
around a central, internal 8-bit bus.
The host interface serves as a bridge between the external
ISA interface and the internal bus. It supports 8-bit I/O
read, 8-bit I/O write and 8-bit DMA transactions, as defined
in Personal Computer Bus Standard P996.
The central configuration register set supports ACPI com-
pliant PnP configuration. The configuration registers are
structured as a subset of the Plug and Play Standard Reg-
isters, defined in Appendix A of the Plug and Play ISA
Specification Version 1.0a by Intel and Microsoft. All sys-
tem resources assigned to the functional blocks (I/O
address space, DMA channels and IRQ lines) are config-
ured in, and managed by, the central configuration register
set. In addition, some function-specific parameters are con-
figurable through this unit and distributed to the functional
blocks through special control signals.
The source of the device internal clocks is the 48 MHz
clock signal or through the 32.768 KHz crystal with an
internal frequency multiplier. The RTC operates on a
32.768 KHz clock.
Figure 4-2. Detailed SIO Block Diagram
IRRX1
IRTX
and Control
Registers
System
Wakeup
DACK[0-3]#
DRQ[0-3]
Host
IRQ[1-12,14-15]
SIN
SOUT
RTS#
DTR#/BOUT
CTS#
Serial
Port
Configuration
TC
Infrared
Interface
Real Time Clock (RTC)
IOCHRDY
IOWR#
IORD#
AEN
ZWS#
ACCESS.
AB1C
AB1D
AB2C
AB2D
Internal
Internal
Internal Signals
Internal
RI#
DCD#
DSR#
bus 1
ACCESS.
bus 2
Signal
Communication
Port
Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com