Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 90Page - National Semiconductor (TI) SC1100 Datasheet HTML 91Page - National Semiconductor (TI) SC1100 Datasheet HTML 92Page - National Semiconductor (TI) SC1100 Datasheet HTML 93Page - National Semiconductor (TI) SC1100 Datasheet HTML 94Page - National Semiconductor (TI) SC1100 Datasheet HTML 95Page - National Semiconductor (TI) SC1100 Datasheet HTML 96Page - National Semiconductor (TI) SC1100 Datasheet HTML 97Page - National Semiconductor (TI) SC1100 Datasheet HTML 98Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 348 page
background image
www.national.com
94
Revision 1.1
SuperI/O Module (Continued)
Table 4-27. Banks 0 and 1 - Common Control and Status Registers
Bit
Description
Offset 00h
Wakeup Events Status Register - WKSR (R/W1C)
Reset Value: 00h
Width: Byte
This register is set to 00h on power-up of VPP or software reset. It indicates which wakeup event occurred. (See Section 5.2.9.4 "Power
Management Events" on page 136.)
7
Reserved.
6
Reserved.
5
IRRX1 (CEIR) Event Status. This sticky bit shows the status of the CEIR event detection. This bit may be enabled only
when IRRX1 is selected on the ball, otherwise results are undefined.
0: Event not detected. (Default)
1: Event detected.
4:2
Reserved.
1
RI# Event Status. This sticky bit shows the status of RI# event detection. This bit may be enabled only when RI# is selected
on the ball, otherwise results are undefined.
0: Event not detected. (Default)
1: Event detected.
0
Reserved.
Offset 01h
Wakeup Events Control Register - WKCR (R/W)
Reset Value: 03h
Width: Byte
This register is set to 03h on power-up of VPP or software reset. Detected wakeup events that are enabled issue a power-up request the
ACPI controller and/or a PME to the Core Logic module. (See Section 5.2.9.4 "Power Management Events" on page 136.)
7
Reserved.
6
Reserved. Must be set to 0.
5
IRRX1 (CEIR) Event Enable. This bit may be enabled only when IRRX1 is selected on the ball, otherwise results are unde-
fined.
0: Disable. (Default)
1: Enable.
4:2
Reserved.
1
RI# Event Enable. This sticky bit shows the status of RI# event detection. This bit may be enabled only when RI# is
selected on the ball, otherwise results are undefined.
0: Disable.
1: Enable. (Default)
0
Reserved.
Offset 02h
Wakeup Configuration Register - WKCFG (R/W)
Reset Value: 00h
This register is set to 00h on power-up of VPP or software reset. It enables access to CEIR registers.
7:5
Reserved.
4
Reserved. Must be set to 0.
3
Reserved. Must be set to 0.
2
Reserved.
1:0
Configuration Bank Select Bits.
00: Only shared registers are accessible.
01: Shared registers and Bank 1 (CEIR) registers are accessible.
10: Bank selected.
1x: Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com