Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 44Page - National Semiconductor (TI) SC1100 Datasheet HTML 45Page - National Semiconductor (TI) SC1100 Datasheet HTML 46Page - National Semiconductor (TI) SC1100 Datasheet HTML 47Page - National Semiconductor (TI) SC1100 Datasheet HTML 48Page - National Semiconductor (TI) SC1100 Datasheet HTML 49Page - National Semiconductor (TI) SC1100 Datasheet HTML 50Page - National Semiconductor (TI) SC1100 Datasheet HTML 51Page - National Semiconductor (TI) SC1100 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 348 page
background image
www.national.com
48
Revision 1.1
Signal Definitions (Continued)
GTEST
AD21
I
Global Test. This signal is used for internal testing
only. For normal operation, tie this signal low.
---
2.4.16 Power1, Ground and No Connections
1.
All power sources must be connected, even if the corresponding function is not used
Signal Name
Ball No.
Type
Description
AVSSPLL
AF9
GND
Analog PLL Ground Connection
AVCCUSB
AF6
PWR
3.3V Analog USB Power Connection (Low noise power)
AVSSUSB
AD9
GND
Analog USB Ground Connection
VBAT
W3
PWR
Battery. Provides battery back-up to the RTC and ACPI registers,
when VSB is lower than the minimum value (see Table 7-2 on page
281). The ball is connected to the internal logic through a series resis-
tor for UL protection.
VCORE
Refer to Table
2-3 on page 27
(Total of 24)
PWR
1.8V or 2.0V Core Processor Power Connections
VIO
Refer to Table
2-3 on page 27
(Total of 28)
PWR
3.3V I/O Power Connections
VPLL
AE9
PWR
3.3V PLL2 Analog Power Connection (Low noise power)
VSB
AF16
PWR
3.3V Standby Power Supply. Provides power to the RTC and ACPI
circuitry while the main power supply is turned off.
VSBL
AD16
PWR
1.8V, 1.9V or 2.0V Standby Power Supply. Provides power to the
internal logic while the main power supply is turned off. This signal
requires a 0.1
µF bypass capacitor to V
SS. This supply must be
present when VSB is present.
VSS
Refer to Table
2-3 on page 27
(Total of 60)
GND
Ground Connections
NC
A21, A23, D20,
AC23, AE24,
AF24
---
No Connections. For normal operation, leave these signals uncon-
nected.
2.4.15 Test and Measurement Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com