Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  SC1100 Datasheet HTML 1Page - National Semiconductor (TI) SC1100 Datasheet HTML 2Page - National Semiconductor (TI) SC1100 Datasheet HTML 3Page - National Semiconductor (TI) SC1100 Datasheet HTML 4Page - National Semiconductor (TI) SC1100 Datasheet HTML 5Page - National Semiconductor (TI) SC1100 Datasheet HTML 6Page - National Semiconductor (TI) SC1100 Datasheet HTML 7Page - National Semiconductor (TI) SC1100 Datasheet HTML 8Page - National Semiconductor (TI) SC1100 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 348 page
background image
Revision 1.1
3
www.national.com
SuperI/O Module
■ Real-Time Clock (RTC):
— DS1287, MC146818 and PC87911 compatible
— Multi-century calendar
■ ACCESS.bus (ACB) Interface:
— Two ACB interface ports
■ Serial Port (UART):
— Enhanced UART
■
Infrared (IR) Port
— IrDA1.1 and 1.0 compatible
— Sharp-IR options ASK-IR and DASK-IR
— Consumer Remote Control supports RC-5, RC-6,
NEC, RCA and RECS80
— DMA support
Other Features
■ High Resolution Timer:
— 32-bit counter with 1
µs count interval
■ Watchdog:
— Interfaces to INTR, SMI, Reset
■ Clocks:
— Input (external crystals):
– 32.768 KHz (internal clock oscillator)
– 27 MHz (internal clock oscillator)
—Output:
– AC97 clock (24.576 MHz)
– Memory controller clock (78 to 100 MHz)
– PCI clock (33 MHz)
■ JTAG Testability:
— Bypass, Extest, Sample/Preload, IDcode, Clamp, HiZ
■ Voltages
— Internal logic: 1.8V (233 MHz); 2.0V (266 MHz) or
TBD (300 MHz) ± 5%
— Battery: 3V ± 20%
— I/O: 3.3V ± 5%
— Standby: 3.3V ± 5% and 1.8V (233 MHz); 2.0V (266
MHz) or 2.0V (300 MHz) ± 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com