Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 25Page - National Semiconductor (TI) SC1100 Datasheet HTML 26Page - National Semiconductor (TI) SC1100 Datasheet HTML 27Page - National Semiconductor (TI) SC1100 Datasheet HTML 28Page - National Semiconductor (TI) SC1100 Datasheet HTML 29Page - National Semiconductor (TI) SC1100 Datasheet HTML 30Page - National Semiconductor (TI) SC1100 Datasheet HTML 31Page - National Semiconductor (TI) SC1100 Datasheet HTML 32Page - National Semiconductor (TI) SC1100 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 348 page
background image
Revision 1.1
29
www.national.com
Signal Definitions (Continued)
MA2
K1
MA3
M3
MA4
L3
MA5
K3
MA6
A8
MA7
C10
MA8
A9
MA9
B10
MA10
A10
MA11
C13
MA12
D2
MD0
V1
MD1
U1
MD2
T1
MD3
R1
MD4
P1
MD5
P2
MD6
N1
MD7
N2
MD8
K2
MD9
J1
MD10
H1
MD11
G1
MD12
F1
MD13
F2
MD14
E1
MD15
E2
MD16
B4
MD17
A4
MD18
B5
MD19
A5
MD20
B6
MD21
A6
MD22
B7
MD23
A7
MD24
B12
MD25
A12
MD26
B13
MD27
A13
MD28
B14
Signal Name
Ball No.
MD29
A14
MD30
B15
MD31
A15
MD32
V2
MD33
V3
MD34
U2
MD35
U3
MD36
T2
MD37
T3
MD38
R2
MD39
R3
MD40
J3
MD41
J2
MD42
H3
MD43
H2
MD44
G3
MD45
G2
MD46
F3
MD47
F4
MD48
D6
MD49
C6
MD50
D7
MD51
C7
MD52
B8
MD53
C8
MD54
B9
MD55
C9
MD56
C16
MD57
B16
MD58
C17
MD59
B17
MD60
C18
MD61
B18
MD62
C19
MD63
B19
NC
A21
NC
A23
NC
D20
NC
AC23
NC
AE24
Signal Name
Ball No.
NC
AF24
ONCTL#
AD15
OVER_CUR#
AE19
PAR
H24
PC_BEEP
AE18
PCICLK
AA23
PCICLKO
AB25
PCIRST#
M26
PERR#
J24
PLL5B
AC11
POR#
AE21
POWER_EN
AD19
PWRBTN#
AF15
PWRCNT1
AE17
PWRCNT2
AF18
RASA#
C1
RD#
D23
REQ0#
AA26
REQ1#
AA25
REQ2#
AC26
REQ3#
T24
RI#
AF19
ROMCS#
C23
RTS#
AF11
SDATA_IN
AF22
SDATA_OUT
AD22
SDCLK_IN
D4
SDCLK_OUT
C4
SDCLK0
E4
SDCLK1
C5
SDCLK2
A16
SDCLK3
A17
SDTEST0
A20
SDTEST1
D1
SDTEST2
A18
SDTEST3
D5
SDTEST4
E3
SDTEST5
B20
SERIRQ
A24
SERR#
L25
Signal Name
Ball No.
Table 2-3.
Ball Assignment - Sorted Alphabetically by Signal Name (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com