Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 43Page - National Semiconductor (TI) SC1100 Datasheet HTML 44Page - National Semiconductor (TI) SC1100 Datasheet HTML 45Page - National Semiconductor (TI) SC1100 Datasheet HTML 46Page - National Semiconductor (TI) SC1100 Datasheet HTML 47Page - National Semiconductor (TI) SC1100 Datasheet HTML 48Page - National Semiconductor (TI) SC1100 Datasheet HTML 49Page - National Semiconductor (TI) SC1100 Datasheet HTML 50Page - National Semiconductor (TI) SC1100 Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 348 page
background image
Revision 1.1
47
www.national.com
Signal Definitions (Continued)
SMI_O
AC12
O
System Management Interrupt. This
is the input to the GX1 core. When
enabled, this signal provides for moni-
toring of the internal GX1 core SMI#
signal for debug purposes. To enable,
pull up FPCI_MON (ball AB25).
GPIO8+CTS#+IDE_DREQ1
2.4.14 JTAG Interface Signals
Signal Name
Ball No.
Type
Description
Mux
TCK
AE20
I
JTAG Test Clock. This signal has an internal weak pull-
up resistor.
---
TDI
AF20
I
JTAG Test Data Input. This signal has an internal weak
pull-up resistor.
---
TDO
AD20
O
JTAG Test Data Output
---
TMS
AF21
I
JTAG Test Mode Select. This signal has an internal
weak pull-up resistor.
---
TRST#
AC20
I
JTAG Test Reset. This signal has an internal weak pull-
up resistor.
For normal JTAG operation, this signal should be active
at power-up.
If the JTAG interface is not being used, this signal can be
tied low.
---
2.4.15 Test and Measurement Interface Signals
Signal Name
Ball No.
Type
Description
Mux
FMUL3B
AD10
I/O
FMUL3 Bypass. This signal is used for internal testing
only. For normal operation, leave this signal uncon-
nected.
TEST1
GXCLK
C20
O
GX Clock. This signal is used for internal testing only.
For normal operation, program as IRTX or leave uncon-
nected.
IRTX+TEST3
PLL5B
AC11
I/O
PLL5 Bypass. This signal is for internal testing only.
For normal operation, leave this signal unconnected.
TEST2
TEST3
C20
O
Internal Test Signals. These signals are used for
internal testing only. For normal operation, leave these
signals unconnected unless programmed as one of
their muxed options.
GXCLK+IRTX
TEST2
AC11
O
PLL5B
TEST1
AD10
O
FMUL3B
TEST0
AA24
O
GPIO41+
F_C/BE0#
SDTEST5
B20
O
Memory Internal Test Signals. These signals are
used for internal testing only. For normal operation,
leave SDTEST[4:1] unconnected and program
SDTEST5 to function as GPIO40.
GPIO40+F_AD6
SDTEST4
E3
O
---
SDTEST3
D5
O
---
SDTEST2
A18
O
---
SDTEST1
D1
O
---
SDTEST0
A20
O
---
2.4.13 Debug Monitoring Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com