Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 85Page - National Semiconductor (TI) SC1100 Datasheet HTML 86Page - National Semiconductor (TI) SC1100 Datasheet HTML 87Page - National Semiconductor (TI) SC1100 Datasheet HTML 88Page - National Semiconductor (TI) SC1100 Datasheet HTML 89Page - National Semiconductor (TI) SC1100 Datasheet HTML 90Page - National Semiconductor (TI) SC1100 Datasheet HTML 91Page - National Semiconductor (TI) SC1100 Datasheet HTML 92Page - National Semiconductor (TI) SC1100 Datasheet HTML 93Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 348 page
background image
Revision 1.1
89
www.national.com
SuperI/O Module (Continued)
Index 0Dh
RTC Control Register D - CRD (RO)
Reset Type: VPP PUR
Width: Byte
7
Valid RAM and Time. This bit senses the voltage that feeds the RTC (VSB or VBAT) and indicates whether or not it was too
low since the last time this bit was read. If it was too low, the RTC contents (time/calendar registers and CMOS RAM) are
not valid.
0: The voltage that feeds the RTC was too low.
1: RTC contents (time/calendar registers and CMOS RAM) are valid.
6:0
Reserved.
Index Programmable
Date of Month Alarm Register - DOMA (R/W)
Reset Type: VPP PUR
Width: Byte
7:0
Date of Month Alarm Data. Values may be 01 to 31 in BCD format or 01 to 1F in Binary format.
When bits 7 and 6 are both set to one (“11”), unconditional match is selected. (Default)
Index Programmable
Month Alarm Register - MONA (R/W)
Reset Type: VPP PUR
Width: Byte
7:0
Month Alarm Data. Values may be 01 to 12 in BCD format or 01 to 0C in Binary format.
When bits 7 and 6 are both set to one (“11”), unconditional match is selected. (Default)
Index Programmable
Century Register - CEN (R/W)
Reset Type: VPP PUR
Width: Byte
7:0
Century Data. Values may be 00 to 99 in BCD format or 00 to 63 in Binary format.
Table 4-18. RTC Registers (Continued)
Bit
Description
Table 4-19. Divider Chain Control / Test Selection
DV2
DV1
DV0
Configuration
CRA6
CRA5
CRA4
0
0
X
Oscillator Disabled
0
1
0
Normal Operation
01
1
Test
10
X
1
1
X
Divider Chain Reset
Table 4-20. Periodic Interrupt Rate Encoding
Rate Select
3 2 1 0
Periodic Interrupt
Rate (msec)
Divider
Chain Output
0 0 0 0
No interrupts
0 0 0 1
3.906250
7
0 0 1 0
7.812500
8
0 0 1 1
0.122070
2
0 1 0 0
0.244141
3
0 1 0 1
0.488281
4
0 1 1 0
0.976562
5
0 1 1 1
1.953125
6
1 0 0 0
3.906250
7
1 0 0 1
7.812500
8
1 0 1 0
15.625000
9
1 0 1 1
31.250000
10
1 1 0 0
62.500000
11
1 1 0 1
125.000000
12
1 1 1 0
250.000000
13
1 1 1 1
500.000000
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com