Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 55Page - National Semiconductor (TI) SC1100 Datasheet HTML 56Page - National Semiconductor (TI) SC1100 Datasheet HTML 57Page - National Semiconductor (TI) SC1100 Datasheet HTML 58Page - National Semiconductor (TI) SC1100 Datasheet HTML 59Page - National Semiconductor (TI) SC1100 Datasheet HTML 60Page - National Semiconductor (TI) SC1100 Datasheet HTML 61Page - National Semiconductor (TI) SC1100 Datasheet HTML 62Page - National Semiconductor (TI) SC1100 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 348 page
background image
Revision 1.1
59
www.national.com
General Configuration Block (Continued)
3.5
CLOCK GENERATORS AND PLLS
This section describes the registers for the clocks required
by the GX1 and Core Logic modules, and how these clocks
are generated. See Figure 3-2 for a clock generation dia-
gram.
The clock generators are based on 32.768 KHz and 27.000
MHz crystal oscillators. The 32.768 KHz crystal oscillator is
described in Section 4.5.2 "RTC Clock Generation" on
page 80 (functional description of the RTC).
Figure 3-2. Clock Generation Block Diagram
32.768 KHz
Crystal
External PCI Clock
66.67 MHz
PLL5
Internal Fast-PCI Clock
57.273 MHz
FMUL3
ACPI Clock (14.318 MHz)
100-333 MHz
Core Clock
ADL
48 MHz
PLL4
USB Clock (48 MHz)
Divider
SDRAM Clock
32.768 KHz
and I/O Block Clock
Real-Time Clock (RTC)
24.576 MHz
PLL3
AC97_CLK
Divide
by 4
Divide
by 2
(33.3 MHz)
33 MHz
66 MHz
Oscillator
(24.576 MHz)
To PAD
Disable
Disable
27M
Shutdown
Shutdown
Shutdown
Shutdown
Shutdown
27 MHz
Crystal
Oscillator
48 MHz input
(ACPI)
(ACPI)
High-Resolution Timer Clock
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com