Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 27Page - National Semiconductor (TI) SC1100 Datasheet HTML 28Page - National Semiconductor (TI) SC1100 Datasheet HTML 29Page - National Semiconductor (TI) SC1100 Datasheet HTML 30Page - National Semiconductor (TI) SC1100 Datasheet HTML 31Page - National Semiconductor (TI) SC1100 Datasheet HTML 32Page - National Semiconductor (TI) SC1100 Datasheet HTML 33Page - National Semiconductor (TI) SC1100 Datasheet HTML 34Page - National Semiconductor (TI) SC1100 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 348 page
background image
Revision 1.1
31
www.national.com
Signal Definitions (Continued)
2.2
STRAP OPTIONS
Several balls are read at power-up that set up the state of
the SC1100. These balls are typically multiplexed with
other functions that are outputs after the power-up
sequence is complete. The SC1100 must read the state of
the balls at power-up and the internal PU or PD resistors
do not guarantee the correct state will be read. Therefore, it
is required that an external PU or PD resistor with a value
of 1.5 K
Ω be placed on the balls listed in Table 2-4. The
value of the resistor is important to ensure that the proper
state is read during the power-up sequence. If the ball is
not read correctly at power-up, the SC1100 may default to
a state that causes it to function improperly, possibly result-
ing in application failure.
Table 2-4. Strap Options
Strap Option
Muxed With
Ball #
Nominal
Internal
PU or PD
External PU/PD Strap Settings
Register References
Strap = 0 (PD)
Strap = 1 (PU)
CLKSEL0
RD#
D23
PD100
See Section 2.4.1 on page 36 for CLK-
SEL strap options.
GCB+I/O Offset 1Eh[9:8] (RO):
Value programmed at reset by
CLKSEL[1:0].
GCB+I/O Offset 10h[3:0] (RO):
Value programmed at reset by
CLKSEL[3:0].
GCB+I/O Offset 1Eh[3:0] (R/W, but
write not recommended): Value pro-
grammed at reset by CLKSEL[3:0].
Note: Values for GCB+I/O Offset
10h[3:0] and 1Eh[3:0] are not the
same.
CLKSEL1
GNT1#
AD25
PD100
CLKSEL2
SDATA_OUT
AD22
PD100
CLKSEL3
SYNC
AE22
PD100
BOOT16
ROMCS#
C23
PD100
Enable boot from
8-bit ROM
Enable boot from
16-bit ROM
GCB+I/O Offset 34h[3] (RO): Reads
back strap setting.
GCB+I/O Offset 34h[14] (R/W):
Used to allow the ROMCS# width to
be changed under program control.
FPCI_MON
PCICLKO
AB25
PD100
Disable Fast-PCI,
INTR_O, and
SMI_O monitor-
ing signals.
Enable Fast-PCI,
INTR_O, and
SMI_O monitor-
ing signals. (Use-
ful during debug.)
GCB+I/O Offset 34h[30] (MCR[30])
(RO): Reads back strap setting.
Note: For normal operation, strap
this signal low using a 1.5 K
Ω
resistor.
LPC_ROM
GNT0#
AB26
PD100
Disable LPC
ROM boot
Enable boot from
LPC ROM device
This strap signal, when pulled high,
sets bit F0BAR1+I/O Offset 10h[15],
LPC ROM Addressing Enable.
Note: Accuracy of internal PU/PD resistors: 80K to 250K.
Location of the GCB (General Configuration Block) cannot be determined by software. See the SC1100 Information Appliance On
a Chip device errata document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com