Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 48Page - National Semiconductor (TI) SC1100 Datasheet HTML 49Page - National Semiconductor (TI) SC1100 Datasheet HTML 50Page - National Semiconductor (TI) SC1100 Datasheet HTML 51Page - National Semiconductor (TI) SC1100 Datasheet HTML 52Page - National Semiconductor (TI) SC1100 Datasheet HTML 53Page - National Semiconductor (TI) SC1100 Datasheet HTML 54Page - National Semiconductor (TI) SC1100 Datasheet HTML 55Page - National Semiconductor (TI) SC1100 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 348 page
background image
www.national.com
52
Revision 1.1
General Configuration Block (Continued)
14
LPCSEL (Select LPC Bus). Selects ball functions.
0: GPIO Signal
1: LPC Signal
Ball #
Name
Add’l Dependencies
Name
Add’l Dependencies
E26
GPIO32
None
LAD0
None
D25
GPIO33
None
LAD1
None
D26
GPIO34
None
LAD2
None
C25
GPIO35
None
LAD3
None
C26
GPIO36
None
LDRQ#
None
B24
GPIO37
None
LFRAME#
None
13
Reserved: Write as read.
12
TRDESEL (Select TRDE#). Selects ball function.
0: Sub-ISA Signal
1: GPIO Signal
Ball #
Name
Add’l Dependencies
Name
Add’l Dependencies
B22
TRDE#
None
GPIO0
None
11:10
Reserved: Write as read.
9
IOCHRDY (Select IOCHRDY). Selects function for ball B23.
0: GPIO/Sub-ISA Signal
1: Sub-ISA Signal
Ball #
Name
Add’l Dependencies
Name
Add’l Dependencies
B23
GPIO17
PMR[5] = 0
IOCHRDY
PMR[5] = 1
IOCS0#
PMR[5] = 1
Undefined
PMR[5] = 0
8
IDE1SEL (Select IDE Channel 1). Selects ball functions. Works in conjunction with PMR[18] and PMR[17]. See PMR[18]
and PMR[17] for definitions.
7
DOCCSSEL (Select DOCCS#). Selects ball function.
0: GPIO Signal
1: Sub-ISA Signal
Ball #
Name
Add’l Dependencies
Name
Add’l Dependencies
D21
GPIO20
None
DOCCS#
None
6
Internal Test Signals 0. Selects functions for balls AE18 and C20.
0: Serial Port Signal
1: GPIO/Audio/Internal Test Signal
Ball #
Name
Add’l Dependencies
Name
Add’l Dependencies
AE18
IRRX1
Note
GPIO16
PMR[0] = 0 and Note
PC_BEEP
PMR[0] = 1 and Note
F_DEVSEL#
PMR[27] or FPCI_MON = 1
F_DEVSEL#
PMR[27] or FPCI_MON = 1
C20
IRTX
PMR[29] = 0
GXCLK
PMR[29] = 0
Undefined
PMR[29] = 1
TEST3
PMR[29] = 1
Note:
PMR[27] and FPCI_MON = 0.
5
IOCS0SEL (Select IOCS0#). Selects ball function. Works in conjunction with PMR[9]. See PMR[9] description.
4
INTCSEL (Select INTC#). Selects ball function.
0: GPIO Signal
1: PCI Signal
Ball #
Name
Add’l Dependencies
Name
Add’l Dependencies
Y24
GPIO19
None
INTC#
None
3
F5BAR5SEL (Select F5BAR5CS#). Selects ball function for ball A22.
0: GPIO Signal
1: Sub-ISA Signal
Ball #
Name
Add’l Dependencies
Name
Add’l Dependencies
A22
GPIO3
None
F5BAR5CS#
None
2
GPSEL0 (Select Functions/Commands). Works in conjunction with PMR[21]. See PMR[21] for definition.
1
F5BAR4SEL (Select F5BAR4CS#). Selects function for ball B21.
0: GPIO Signal
1: Sub-ISA Signal
Ball #
Name
Add’l Dependencies
Name
Add’l Dependencies
B21
GPIO2
None
F5BAR4CS#
None
0
PCBEEPSEL (Select PC_BEEP). Works in conjunction with PMR[6]. See PMR[6] for definition.
Table 3-2. Multiplexing, Interrupt Selection, and Base Address Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com